Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8716T Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8716T
Szczegółowy opis  8-bit high-speed analog-to-digital converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716T Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8716T Datasheet HTML 1Page - NXP Semiconductors TDA8716T Datasheet HTML 2Page - NXP Semiconductors TDA8716T Datasheet HTML 3Page - NXP Semiconductors TDA8716T Datasheet HTML 4Page - NXP Semiconductors TDA8716T Datasheet HTML 5Page - NXP Semiconductors TDA8716T Datasheet HTML 6Page - NXP Semiconductors TDA8716T Datasheet HTML 7Page - NXP Semiconductors TDA8716T Datasheet HTML 8Page - NXP Semiconductors TDA8716T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1996 Aug 26
5
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
PINNING TDA8716T
SYMBOL
PIN
DESCRIPTION
CLK
1
complementary clock input
CLK
2
clock input
VEED1
3
digital negative supply voltage
(
−5.2 V)
n.c.
4
not connected
n.c.
5
not connected
CPLT2
6
two's complement output select
(active HIGH)
VEEA
7
analog negative supply voltage
(
−5.2 V)
VRB
8
reference voltage BOTTOM
AGND1
9
analog ground 1
VI
10
analog input
VRM
11
reference voltage MIDDLE
decoupling
n.c.
12
not connected
n.c.
13
not connected
VRT
14
reference voltage TOP
AGND2
15
analog ground 2
VEED2
16
digital negative supply voltage
(
−5.2 V)
DGND1
17
digital ground 1
D0
18
digital output (LSB)
D1
19
digital output
n.c.
20
not connected
n.c.
21
not connected
D2
22
digital output
D3
23
digital output
D4
24
digital output
OGND
25
output ground supply voltage (0 V)
D5
26
digital output
D6
27
digital output
n.c.
28
not connected
n.c.
29
not connected
D7
30
digital output (MSB)
IR
31
IN range
DGND2
32
digital ground 2
Fig.3 Pin configuration; TDA8716T.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
17
18
19
20
21
22
23
24
25
26
TDA8716T
MBC742 - 2
V EED2
AGND2
VRT
n.c.
n.c.
RM
V
V I
AGND1
V RB
VEEA
C PLT2
n.c.
EED1
V
CLK
CLK
DGND1
D0
D1
n.c.
n.c.
D2
D3
D4
OGND
D5
D6
n.c.
n.c.
D7
IR
DGND2
n.c.


Podobny numer części - TDA8716T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8712T PHILIPS-TDA8712T Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M PHILIPS-TDA8714M Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M/4 PHILIPS-TDA8714M/4 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results

Podobny opis - TDA8716T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com