Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK10C68 Arkusz danych(PDF) 10 Page - Simtek Corporation

Numer części STK10C68
Szczegółowy opis  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C68 Arkusz danych(HTML) 10 Page - Simtek Corporation

Back Button STK10C68 Datasheet HTML 4Page - Simtek Corporation STK10C68 Datasheet HTML 5Page - Simtek Corporation STK10C68 Datasheet HTML 6Page - Simtek Corporation STK10C68 Datasheet HTML 7Page - Simtek Corporation STK10C68 Datasheet HTML 8Page - Simtek Corporation STK10C68 Datasheet HTML 9Page - Simtek Corporation STK10C68 Datasheet HTML 10Page - Simtek Corporation STK10C68 Datasheet HTML 11Page - Simtek Corporation STK10C68 Datasheet HTML 12Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STK10C68
March 2006
10
Document Control # ML0006 rev 0.2
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
M = Military (–55 to 125°C)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
55 = 55ns (Military only)
Lead Finish (Plastic only)
Blank = 85%Sn/15%Pb
F = 100% Sn (Matte Tin)
Package
P = Plastic 28-pin 300 mil DIP
S = Plastic 28-pin 350 mil SOIC
C = Ceramic 28-pin 300 mil DIP (gold lead finish)
K = Ceramic 28-pin 300 mil DIP (solder dip finish)
L = Ceramic 28 pin LCC
Retention / Endurance
Blank = Comm/Ind (100 years/106cycles)
5 = Military (10 years/105cycles)
Lead Finish
A = Solder DIP lead finish
C = Gold lead DIP finish
X = Lead finish “A” or “C” is acceptable
Package
MX = Ceramic 28 pin 300-mil DIP
MY = Ceramic 28 pin LCC
Access Time
04 = 55ns
05 = 45ns
06 = 35ns
- 5 P F 45 I
STK10C68
5962-93056 04 MX X


Podobny numer części - STK10C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5C25 ETC1-STK10C68-5C25 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5C25I ETC1-STK10C68-5C25I Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5C25M ETC1-STK10C68-5C25M Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5C35 ETC1-STK10C68-5C35 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Podobny opis - STK10C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com