Zakładka z wyszukiwarką danych komponentów |
|
STK14C88-3WF45TR Arkusz danych(PDF) 10 Page - Simtek Corporation |
|
STK14C88-3WF45TR Arkusz danych(HTML) 10 Page - Simtek Corporation |
10 / 17 page 10 February 2007 Document Control #ML0015 Rev 0.6 STK14C88-3 nvSRAM OPERATION The STK14C88-3 has two separate modes of opera- tion: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as a standard fast static RAM. In nonvolatile mode, data is transferred from SRAM to nonvolatile elements (the STORE operation) or from nonvolatile elements to SRAM (the RECALL operation). In this mode SRAM func- tions are disabled. NOISE CONSIDERATIONS The STK14C88-3 is a high-speed memory and so must have a high-frequency bypass capacitor of approximately 0.1 μF connected between VCAP and V SS, using leads and traces that are as short as pos- sible. As with all high-speed CMOS ICs, normal care- ful routing of power, ground and signals will help prevent noise problems. SRAM READ The STK14C88-3 performs a READ cycle whenever E and G are low and W and HSB are high. The address specified on pins A 0-14 determines which of the 32,768 data byte will be accessed. When the READ is initiated by an address transition, the out- puts will be valid after a delay of t AVQV (READ cycle #1). If the READ is initiated by E or G, the outputs will be valid at t ELQV or at tGLQV, whichever is later (READ cycle #2).The data outputs will repeatedly respond to address changes within the t AVQV access time without the need for transitions on any control input pins, and will remain valid until another address change or until E or G is brought high, or W or HSB is brought low. SRAM WRITE A WRITE cycle is performed whenever E and W are low and HSB is high. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either E or W goes high at the end of the cycle. The data on the common I/O pins DQ 0-7 will be written into the memory if it is valid tDVWH before the end of a W controlled WRITE or t DVEH before the end of an E controlled WRITE. It is recommended that G be kept high during the entire WRITE cycle to avoid data bus contention on common I/O lines. If G is left low, internal circuitry will turn off the output buffers t WLQZ after W goes low. POWER-UP RECALL During power up, or after any low-power condition (V CAP < VRESET), an internal RECALL request will be latched. When V CAP once again exceeds the sense voltage of V SWITCH, a RECALL cycle will automatically be initiated and will take t RESTORE to complete. If the STK14C88-3 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system V CC or between E and system VCC. SOFTWARE NONVOLATILE STORE The STK14C88-3 software STORE cycle is initiated by executing sequential E controlled READ cycles from six specific address locations. During the STORE cycle an erase of the previous nonvolatile data is first performed, followed by a program of the nonvolatile elements. The program operation copies the SRAM data into nonvolatile memory. Once a STORE cycle is initiated, further input and output are disabled until the cycle is completed. Because a sequence of READs from specific addresses is used for STORE initiation, it is impor- tant that no other READ or WRITE accesses inter- vene in the sequence, or the sequence will be aborted and no STORE or RECALL will take place. To initiate the software STORE cycle, the following READ sequence must be performed: 1. Read address 0E38 (hex) Valid READ 2. Read address 31C7 (hex) Valid READ 3. Read address 03E0 (hex) Valid READ 4. Read address 3C1F (hex) Valid READ 5. Read address 303F (hex) Valid READ 6. Read address 0FC0 (hex) Initiate STORE cycle The software sequence must be clocked with E con- trolled READs. Once the sixth address in the sequence has been entered, the STORE cycle will commence and the chip will be disabled. It is important that READ cycles and not WRITE cycles be used in the sequence, although it is not necessary that G be low for the sequence to be valid. After the t STORE cycle time has been fulfilled, the SRAM will again be activated for READ and WRITE operation. |
Podobny numer części - STK14C88-3WF45TR |
|
Podobny opis - STK14C88-3WF45TR |