Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68-LF35 Arkusz danych(PDF) 5 Page - Simtek Corporation

Numer części STK11C68-LF35
Szczegółowy opis  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-LF35 Arkusz danych(HTML) 5 Page - Simtek Corporation

  STK11C68-LF35 Datasheet HTML 1Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 2Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 3Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 4Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 5Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 6Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 7Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 8Page - Simtek Corporation STK11C68-LF35 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V + 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ V
IH during address transitions.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK11C68-25
STK11C68-35
STK11C68-45
STK11C68-55
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
55
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
45
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
45
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
30
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
45
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
13
15
35
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
17
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
15
tDVEH
19
tEHAX
16
tEHDX


Podobny numer części - STK11C68-LF35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK11C68-L SIMTEK-STK11C68-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
logo
Cypress Semiconductor
STK11C68-L35 CYPRESS-STK11C68-L35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-L35I CYPRESS-STK11C68-L35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Podobny opis - STK11C68-LF35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com