Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML1XX6 Arkusz danych(PDF) 1 Page - Mitsubishi Electric Semiconductor

Numer części ML1XX6
Szczegółowy opis  FOR OPTICAL INFORMATION SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML1XX6 Arkusz danych(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML1XX6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML1XX6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML1XX6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML1XX6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
( 1 / 4 )
ML1XX6 SERIES
TYPE
NAME
ML1016R, ML120G6
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
DESCRIPTION
FEATURES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25˚C)
APPLICATION
MITSUBISHI
ELECTRIC
Note 3:RL=the load resistance of photodiode for ML1016R
IFD
Forward current (Photodiode)
-
10
mA
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
35
mW
Pulse(Note 2)
50
VRL
Reverse voltage (laser diode)
-
2
V
VRD
Reverse voltage (Photodiode)
-
30
V
Tc
Case temperature
-
-10
~ +60
Tstg
Storage temperature
-
-40
~ +100
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 1µs
Note 1)
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime. As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
°C
°C
mA
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
40
mA
Iop
Operating current
CW,Po=30mW
-
80
mA
Slope efficiency
CW,Po=30mW
-
0.7
-
mW/mA
Peak wavelength
CW,Po=30mW
658
nm
Beam divergence angle
(parallel)
CW,Po=30mW
8.5
°
Beam divergence angle
(perpendicular)
CW,Po=30mW
22
°
Im
Monitoring output current
(Photodiode) (only for ML1016R)
CW,Po=30mW,VRD=1V
RL=10
Ω(Note 3)
0.35
ID
Dark current (Photodiode)
VRD=10V
-
-0.5
mA
Ct
Capacitance (Photodiode)
f=1MHz,VRD=5V
-
7-
pF
Vop
Operating voltage
CW,Po=30mW
2.7
3.0
V
666
-
70
120
655
11
7
26
17
2.5
0.05
η
λp
θ//
θ⊥
ML1XX6 is a high power AlGaInP semiconductor laser
which provides a stable, single transverse mode
oscillation with emission wavelength of 658-nm and
standard CW light output of 30mW.
ML1XX6 has a window-mirror-facet which improves
the maximum output power. That leads to highly
reliable and high-power operation.
• High Power: 30mW (CW), 50mW (pulse)
• Visible Light: 658nm (typ)
DVD(Digital Versatile Disc)-RAM/RW Drive
as of December '99


Podobny numer części - ML1XX6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX14 MITSUBISHI-ML1XX14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results

Podobny opis - ML1XX6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com