Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8755T Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA8755T
Szczegółowy opis  YUV 8-bit video low-power analog-to-digital interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8755T Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA8755T Datasheet HTML 3Page - NXP Semiconductors TDA8755T Datasheet HTML 4Page - NXP Semiconductors TDA8755T Datasheet HTML 5Page - NXP Semiconductors TDA8755T Datasheet HTML 6Page - NXP Semiconductors TDA8755T Datasheet HTML 7Page - NXP Semiconductors TDA8755T Datasheet HTML 8Page - NXP Semiconductors TDA8755T Datasheet HTML 9Page - NXP Semiconductors TDA8755T Datasheet HTML 10Page - NXP Semiconductors TDA8755T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1995 Mar 09
7
Philips Semiconductors
Product specification
YUV 8-bit video low-power
analog-to-digital interface
TDA8755
INU AND INV (PINS 7 AND 9)
VI(p-p)
input voltage, full range
(peak-to-peak value)
fi = 1.5 MHz
0.93
1.03
1.13
V
ZI
input impedance
fi = 2 MHz
30
k
CI
input capacitance
fi = 2 MHz
1
pF
INPUTS ISOLATION
αct
crosstalk between Y, U and V
−−55
−50
dB
Outputs
SDN (PIN 8)
Vref
reference voltage
3.32
V
VREG
line regulation
4.75 V
≤ VCCA ≤ 5.25 V
4.0
mV
IL
load current
−2
−−
mA
DIGITAL OUTPUTS D0 TO D7 AND D’0 TO D’3 (PINS 24 TO 31 AND 19 TO 22)
VOL
LOW level output voltage
IO = 0.4 mA
0
0.4
V
IO = 1.5 mA
0
0.5
V
VOH
HIGH level output voltage
IO = −0.4 mA
2.4
VCCD
V
IOZ
output current in 3-state mode
0.4 V < VO <VCCD
−20
+20
µA
Switching characteristics
fclk(max)
maximum clock frequency
20
−−
MHz
fclk(min)
minimum clock frequency
−−
2.0
MHz
tCPH
clock pulse width HIGH
20
−−
ns
tCPL
clock pulse width LOW
20
−−
ns
Analog signal processing (fclk = 20 MHz; 50% clock duty factor)
Gdiff
differential gain
note 1; see Fig.8
2
%
ϕ
diff
differential phase
note 1; see Fig.8
3
deg
f1
fundamental harmonics (full-scale) note 2
−−
0dB
fall
harmonics (full-scale),
all components
note 2; see Fig.10
−−54
dB
SVRR1
supply voltage ripple rejection 1
note 3
−−40
dB
SVRR2
supply voltage ripple rejection 2
note 3
1.0
%/V
Transfer function (50% clock duty factor)
INL
DC integral non-linearity
fclk = 2 MHz
−±0.4
±1.0
LSB
DNL
DC differential non-linearity
fclk = 2 MHz
−±0.3
±0.5
LSB
AILE
AC integral non-linearity
note 4
−±1.0
±2.0
LSB
EB
effective bits
note 5; Fig.10
7.1
bits
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA8755T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8751T PHILIPS-TDA8751T Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Podobny opis - TDA8755T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8753A PHILIPS-TDA8753A Datasheet
111Kb / 20P
   YUV 8-bit analog-to-digital interface
1996 Jan 12
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
logo
Texas Instruments
TLC5602C TI-TLC5602C Datasheet
135Kb / 9P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
Texas Instruments
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com