Zakładka z wyszukiwarką danych komponentów |
|
TDA8758G Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
TDA8758G Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 24 page 1996 Feb 01 7 Philips Semiconductors Product specification YC 8-bit low-power analog-to-digital video interface TDA8758 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). THERMAL CHARACTERISTICS CHARACTERISTICS VCCA =V10 to V3 = 4.75 to 5.25 V; VCCD =V21 to V18 = 4.75 to 5.25 V; VCCO1 =V41 to V43 = 4.75 to 5.25 V; VCC02 =V32 to V31 = 4.75 to 5.25 V; AGND and DGND shorted together; VCCA to VCCD = −0.25 to +0.25 V; VCCO to VCCD = −0.25 to +0.25 V; VCCA to VCCO = −0.25 to +0.25 V; Tamb = 0 to +70 °C; typical values measured at VCCA =VCCD =VCCO = 5 V and Tamb =25 °C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCCA analog supply voltage −0.3 +7.0 V VCCD digital supply voltage −0.3 +7.0 V VCCO output supply voltage −0.3 +7.0 V ∆VCC supply voltage difference between VCCA and VCCD −1.0 +1.0 V supply voltage difference between VCCO and VCCD −1.0 +1.0 V supply voltage difference between VCCA and VCCO −1.0 +1.0 V VI input voltage referenced to AGND − 5.0 V Vclk(p-p) AC input voltage for switching (peak-to-peak value) referenced to DGND − VCCO V IO output current − +6 mA Tstg storage temperature −55 +150 °C Tamb operating ambient temperature 0 +70 °C Tj junction temperature − +150 °C SYMBOL PARAMETER VALUE UNIT Rth j-a thermal resistance from junction to ambient in free air 72 K/W SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Supplies VCCA analog supply voltage 4.75 5.0 5.25 V VCCD digital supply voltage 4.75 5.0 5.25 V VCCO output stages supply voltage 4.75 5.0 5.25 V ICCA analog supply current − 59 70 mA ICCD digital supply current − 28 40 mA ICCOtot total output supply current CL =15pF − 19 28 mA Video amplifier inputs Y1/CVBS1, Y2/CVBS2, CVBS3, CHROM1 AND CHROM2 INPUTS VI(p-p) input voltage (peak-to-peak value) AGC load with external capacitor; note 1 Y channel 0.7 − 1.4 V C channel − 1.0 − V |Zi| input impedance fi = 6 MHz − 25 − k Ω CI input capacitance fi = 6 MHz − 2 − pF |
Podobny numer części - TDA8758G |
|
Podobny opis - TDA8758G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |