Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8761 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA8761
Szczegółowy opis  9-bit analog-to-digital converter for digital video
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8761 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA8761 Datasheet HTML 1Page - NXP Semiconductors TDA8761 Datasheet HTML 2Page - NXP Semiconductors TDA8761 Datasheet HTML 3Page - NXP Semiconductors TDA8761 Datasheet HTML 4Page - NXP Semiconductors TDA8761 Datasheet HTML 5Page - NXP Semiconductors TDA8761 Datasheet HTML 6Page - NXP Semiconductors TDA8761 Datasheet HTML 7Page - NXP Semiconductors TDA8761 Datasheet HTML 8Page - NXP Semiconductors TDA8761 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Mar 20
4
Philips Semiconductors
Preliminary specification
9-bit analog-to-digital converter for
digital video
TDA8761
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
TC
2
two’s complement input (active LOW)
VCCA
3
analog supply voltage (+5 V)
AGND1
4
analog ground 1
AGND2
5
analog ground 2
VRB
6
reference voltage BOTTOM input
VRM
7
reference voltage MIDDLE
VI
8
analog input voltage
VRT
9
reference voltage TOP input
CE
10
chip enable input (TTL level input,
active LOW)
VCCD
11
digital supply voltage (+5 V)
DGND
12
digital ground
VCCO1
13
supply voltage for output stages 1
(+5 V)
OGND1
14
output ground 1
n.c.
15
not connected
n.c.
16
not connected
D0
17
data output; bit 0 (LSB)
D1
18
data output; bit 1
D2
19
data output; bit 2
D3
20
data output; bit 3
D4
21
data output; bit 4
D5
22
data output; bit 5
D6
23
data output; bit 6
D7
24
data output; bit 7
D8
25
data output; bit 8 (MSB)
IR
26
in range data output
OGND2
27
output ground 2
VCCO2
28
supply voltage for output stages 2
(+5 V)
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
CLK
TC
CCA
AGND1
AGND2
RB
RM
I
RT
CE
CCD
DGND
CCO1
OGND1
CCO2
OGND2
IR
D8
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
n.c.
V
V
V
V
V
V
V
V
TDA8761
MGC356


Podobny numer części - TDA8761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761AM PHILIPS-TDA8761AM Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
More results

Podobny opis - TDA8761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
MATV-0811 AD-MATV-0811_15 Datasheet
1Mb / 4P
   a-Bit Video Analog to DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
logo
Analog Devices
HDG-0807 AD-HDG-0807 Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com