Zakładka z wyszukiwarką danych komponentów |
|
STK10C68-5S25 Arkusz danych(PDF) 2 Page - Simtek Corporation |
|
STK10C68-5S25 Arkusz danych(HTML) 2 Page - Simtek Corporation |
2 / 12 page STK10C68 March 2006 2 Document Control # ML0006 rev 0.2 ABSOLUTE MAXIMUM RATINGSa Voltage on Input Relative to Ground . . . . . . . . . . . . . .–0.5V to 7.0V Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V) Voltage on DQ0-7. . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V) Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55 °C to 125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65 °C to 150°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA DC CHARACTERISTICS (VCC = 5.0V ± 10%) Note b: ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. Note c: ICC2 is the average current required for the duration of the STORE cycle (tSTORE ). Note d: E ≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. AC TEST CONDITIONS CAPACITANCEe (T A = 25 °C, f = 1.0MHz) Note e: These parameters are guaranteed but not tested. SYMBOL PARAMETER COMMERCIAL INDUSTRIAL/ MILITARY UNITS NOTES MIN MAX MIN MAX ICC1 b Average VCC Current 85 75 65 N/A 90 75 65 55 mA mA mA mA tAVAV = 25ns tAVAV = 35ns tAVAV = 45ns tAVAV = 55ns ICC2 c Average VCC Current during STORE 3 3 mA All Inputs Don’t Care, VCC = max ICC3 b Average VCC Current at tAVAV = 200ns 5V, 25°C, Typical 10 10 mA W ≥ (V CC– 0.2V) All Others Cycling, CMOS Levels ISB1 d Average VCC Current (Standby, Cycling TTL Input Levels) 27 23 20 N/A 28 24 21 20 mA mA mA mA tAVAV = 25ns, E ≥ VIH tAVAV = 35ns, E ≥ VIH tAVAV = 45ns, E ≥ VIH tAVAV = 55ns, E ≥ VIH ISB2 d VCC Standby Current (Standby, Stable CMOS Input Levels) 750 1500 μA E ≥ (V CC– 0.2V) All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V) IILK Input Leakage Current ±1 ±1 μA VCC = max VIN = VSS to VCC IOLK Off-State Output Leakage Current ±5 ±5 μA VCC = max VIN = VSS to VCC, E or G ≥ VIH VIH Input Logic “1” Voltage 2.2 VCC + .5 2.2 VCC + .5 V All Inputs VIL Input Logic “0” Voltage VSS – .5 0.8 VSS – .5 0.8 V All Inputs VOH Note a: Output Logic “1” Voltage 2.4 2.4 V IOUT = – 4mA VOL Output Logic “0” Voltage 0.4 0.4 V IOUT = 8mA TA Operating Temperature 0 70 –40/-55 85/125 °C Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V Input Rise and Fall Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1 SYMBOL PARAMETER MAX UNITS CONDITIONS CIN Input Capacitance 8 pF ΔV = 0 to 3V COUT Output Capacitance 7 pF ΔV = 0 to 3V Figure 1: AC Output Loading 480 Ohms 30 pF 255 Ohms 5.0V INCLUDING OUTPUT SCOPE AND FIXTURE Note a: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at condi- tions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat- ing conditions for extended periods may affect reliability. |
Podobny numer części - STK10C68-5S25 |
|
Podobny opis - STK10C68-5S25 |