Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8785H Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA8785H
Szczegółowy opis  8-bit high-speed analog-to-digital converter with gain and offset controls
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8785H Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA8785H Datasheet HTML 2Page - NXP Semiconductors TDA8785H Datasheet HTML 3Page - NXP Semiconductors TDA8785H Datasheet HTML 4Page - NXP Semiconductors TDA8785H Datasheet HTML 5Page - NXP Semiconductors TDA8785H Datasheet HTML 6Page - NXP Semiconductors TDA8785H Datasheet HTML 7Page - NXP Semiconductors TDA8785H Datasheet HTML 8Page - NXP Semiconductors TDA8785H Datasheet HTML 9Page - NXP Semiconductors TDA8785H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Dec 18
6
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
with gain and offset controls
TDA8785
FUNCTIONAL DESCRIPTION
The TDA8785 is composed of an 8-bit ADC (30 Msps),
a wide-band gain amplifier, an input offset amplifier and an
8-bit dynamic adjustment DAC.
Input signal
Two input pins are provided to apply a differential input
signal with a wide range (100 to 1000 mV differential).
It is also possible to apply a single signal by setting a DC
voltage on one of the differential pins and supplying the
signal to the other.
Controlled gain amplifier
The gain amplifier is used to adjust the wide input signal
range to the fixed ADC input range of 1 V (p-p).
A large gain of 20 dB can be achieved with low-noise
behaviour and a large bandwidth of 100 MHz to correctly
amplify square type signals with step edges. Using pin 6,
it is possible to reduce the internal bandwidth of the gain
amplifier via an external capacitor and thus improve its
noise behaviour. The gain amplifier is controlled via an
external differential voltage (single input can also be
applied).
Input offset amplifier and adjustment DAC
The Input offset amplifier contains two different control
inputs (which can also be single):
• Slow offset control, for slow variation characteristics
(e.g. temperature, supply voltage, etc.)
• Fast offset control, for correction related to the clock
rate.
Slow offset control is carried out by an external voltage
while fast offset control is digitally carried out via the
internal 8-bit DAC with external connections of the
respective pins VDACO(n), VDACO(p), VFOFF(n) and VFOFF(p).
The internal 8-bit DAC operates at the ADC clock rate to
allow dynamic corrections on the input signal chain based
on the signal processing information carried out after the
digital conversion. The output voltage amplitude of the
DAC can be controlled via a different input voltage (which
can also be single) in a range of
±25% with a 150 Ω DAC
output load.
The DAC can also be used for the gain or the slow offset
control with some external DC voltage adaptations and
can be considered as a separate function of the ADC
chain. The DAC can be used independently, for example
as a video DAC.
8-bit ADC
The 8-bit ADC converts a signal of 1 V (p-p) from the
controlled gain amplifier into an 8-bit coded digital word at
a maximum rate of 30 Msps. Its reference voltage is
supplied by the general voltage regulator. The output data
format can either be binary, two’s complement or 3-state
by selecting pin OF.
When all the differential inputs on the offset amplifier
(VSOFF(p), VSOFF(n), VFOFF(n), VFOFF(p), Vi(p) and Vi(n)) are at
0 V (equivalent to both inputs short-circuited), the output
code of the ADC is code 8.
Internal voltage regulator
An internal voltage regulator provides all the references for
the different blocks. A stable 2.75 V voltage reference
output is provided for use in the application environment.
One application is to connect all the slow control inputs
(VFSDAC(p), VFSDAC(n), VSOFF(p), VSOFF(n), VFSAD(p) and
VFSAD(n)) to this reference, either to their two differential
inputs to get the nominal settings or to one of the
differential inputs to have easy single-input control.
All these control inputs have the same control range.


Podobny numer części - TDA8785H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Podobny opis - TDA8785H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com