Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNB-6032 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części ADNB-6032
Szczegółowy opis  Low Power Laser Mouse Bundles
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNB-6032 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ADNB-6032 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ADNB-6032 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
Agilent ADNS-6030
Laser Mouse Sensor
Theory of Operation
The ADNS-6030 is based on
LaserStream Technology,
which measures changes in
position by optically acquiring
sequential surface images
(frames) and mathematically
determining the direction and
magnitude of movement.
The ADNS-6030 contains an
Image Acquisition System
(IAS), a Digital Signal
Processor (DSP), and a four
wire serial port. The IAS
acquires microscopic surface
images via the lens and
illumination system. These
images are processed by the
DSP to determine the direction
Features
••••• Low power architecture
••••• New LaserStream technology
••••• Self-adjusting power-saving
modes for longest battery life
••••• High speed motion detection up to
20 ips and 8G
••••• Enhanced SmartSpeed self-
adjusting frame rate for optimum
performance
••••• Motion detect pin output
••••• Internal oscillator – no clock input
needed
••••• Selectable 400 and 800 cpi
resolution
••••• Wide operating voltage: 2.7V-3.6V
nominal
••••• Four wire serial port
••••• Minimal number of passive
components
••••• Laser fault detect circuitry on-
chip for Eye Safety Compliance
Pinout of ADNS-6030 Optical Mouse Sensor
Figure 7. Package outline drawing (top view)
and distance of motion. The
DSP calculates the
∆x and ∆y
relative displacement values.
An external microcontroller
reads the
∆x and ∆y
information from the sensor
serial port. The
microcontroller then translates
the data into PS2, USB, or RF
signals before sending them to
the host PC or game console.
Applications
••••• Laser Mice
••••• Optical trackballs
••••• Integrated input devices
••••• Battery-powered input devices
Pin
Name
Description
1
NCS
Chip select (active low input)
2
MISO
Serial data output (Master In/Slave Out)
3
SCLK
Serial clock input
4
MOSI
Serial data input (Master Out/Slave In)
5
MOTION
Motion Detect (active low output)
6
LASER_NEN
LASER Enable (Active LOW)
7GND
Ground
8
XY_LASER
LASER control
9
AGND
Analog Ground
10
AVDD
Analog Supply Voltage
11
AGND
Analog Ground
12
GND
Ground
13
GND
Ground
14
NC
No connection
15
GND
Ground
16
VDD
Supply Voltage
17
NC
No connection
18
NC
No connection


Podobny numer części - ADNB-6032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
More results

Podobny opis - ADNB-6032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
ADNB-6011 AVAGO-ADNB-6011 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
   Low Power Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6030 AVAGO-ADNK-6030 Datasheet
120Kb / 1P
   Low Power Laser Mouse Sensor
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com