Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1303C-AK3EUNTR Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części TC1303C-AK3EUNTR
Szczegółowy opis  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303C-AK3EUNTR Arkusz danych(HTML) 4 Page - Microchip Technology

  TC1303C-AK3EUNTR Datasheet HTML 1Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 2Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 3Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 4Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 5Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 6Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 7Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 8Page - Microchip Technology TC1303C-AK3EUNTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TC1303A/TC1303B/TC1303C/TC1304
DS21949B-page 4
© 2005 Microchip Technology Inc.
Functional Block Diagram – TC1304
Synchronous Buck Regulator
NDRV
PDRV
PGND
VIN1
LX
Driver
PGND
Control
VOUT1/VFB1
VIN2
SHDN
PG
VREF
LDO
VOUT2
AGND
AGND
PGND
Undervoltage Lockout
UVLO
UVLO
VREF
TC1304(Note)
PG Generator with Delay
(UVLO)
Output Voltage
Sequencer ckt.
AGND
Note:
PG open-drain for TC1304


Podobny numer części - TC1303C-AK3EUNTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303C-AG0EMF MICROCHIP-TC1303C-AG0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303C-AG0EMFTR MICROCHIP-TC1303C-AG0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303C-AG0EUN MICROCHIP-TC1303C-AG0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303C-AG0EUNTR MICROCHIP-TC1303C-AG0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303C-AG1EMF MICROCHIP-TC1303C-AG1EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

Podobny opis - TC1303C-AK3EUNTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com