Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1313-BS1EMF Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części TC1313-BS1EMF
Szczegółowy opis  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-BS1EMF Arkusz danych(HTML) 3 Page - Microchip Technology

  TC1313-BS1EMF Datasheet HTML 1Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 2Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 3Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 4Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 5Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 6Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 7Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 8Page - Microchip Technology TC1313-BS1EMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 3
TC1313
Typical Application Circuits
10-Lead DFN
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
NC
4.7 µF
Input
Voltage
4.7 µH
4.7 µF
2.1V @
1µF
3.3V @
4.5V to 5.5V
Adjustable-Output Application
121 k
Ω
200 k
Ω 4.99 kΩ
33 pF
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
NC
4.7 µF
4.7 µH
4.7 µF
1.5V @ 500 mA
1µF
2.5V @ 300 mA
2.7V to 4.2V
TC1313
VOUT1
VOUT2
VIN
VOUT1
VOUT2
1.0 µF
*Optional
Capacitor
VIN2
300 mA
500 mA
Note: Connect DFN package exposed pad to AGND.
10-Lead MSOP
Fixed-Output Application
TC1313
Note


Podobny numer części - TC1313-BS1EMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1313-1G0EMF MICROCHIP-TC1313-1G0EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EMFTR MICROCHIP-TC1313-1G0EMFTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUN MICROCHIP-TC1313-1G0EUN Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUNTR MICROCHIP-TC1313-1G0EUNTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G1EMF MICROCHIP-TC1313-1G1EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
More results

Podobny opis - TC1313-BS1EMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com