Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8798HL Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TDA8798HL
Szczegółowy opis  Dual 8-bit, 100 Msps A/D converter with DPGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8798HL Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TDA8798HL Datasheet HTML 7Page - NXP Semiconductors TDA8798HL Datasheet HTML 8Page - NXP Semiconductors TDA8798HL Datasheet HTML 9Page - NXP Semiconductors TDA8798HL Datasheet HTML 10Page - NXP Semiconductors TDA8798HL Datasheet HTML 11Page - NXP Semiconductors TDA8798HL Datasheet HTML 12Page - NXP Semiconductors TDA8798HL Datasheet HTML 13Page - NXP Semiconductors TDA8798HL Datasheet HTML 14Page - NXP Semiconductors TDA8798HL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Sep 16
11
Philips Semiconductors
Objective specification
Dual 8-bit, 100 Msps A/D converter with
DPGA
TDA8798
BANDWIDTH AND SETTLING
B(−3dB)(DPGA)
DPGA
−3 dB bandwidth
at Vi(dif)(max)
30
tbf
MHz
tst
settling time
full-scale transition
10% to 90%
40
−−
ns
td(g)
group delay
fi up to 15 MHz
at G(min)
tbf
ps
at G(max)
tbf
ps
GAIN
G(min)
minimum gain setting
tbf
0
tbf
dBV
G(max)
maximum gain setting
tbf
34
tbf
dBV
Gstep
gain step size
0.54
dBV
Gstep(L)
gain step size linearity (actual
gain step/average
− 1)
−0.75
+0.75 dBV
G(m)(c-c)
channel-to-channel gain
matching
at G(min)
tbf
dB
at G(max)
tbf
dB
∆G/∆T
amplifier gain stability as a
function of temperature
at G(min)
8
tbf
mdB/
°C
at G(max)
8
tbf
mdB/
°C
∆G/∆V
DD
amplifier gain stability as a
function of power supply
voltage
at G(min)
0.4
tbf
dB/V
at G(max)
0.8
tbf
dB/V
GAIN SWITCHING;T
AMB =25 °C
tst(G-G)
settling time between two
consecutive gain settings
CL =68pF
160
ns
tPD
propagation delay
−−
20
ns
REJECTION
PSRR
power supply rejection ratio
DC to 15 MHz
at G(min)
40
−−
dB
CMRR
common mode rejection ratio
40
−−
dB
HARMONICS;T
AMB =25 °C
HD2
second harmonic distortion
fi = 15 MHz;
at Vo(dif)(max); at gain
control register:
00H
40
tbf
dB
20H
40
tbf
dB
3FH
tbf
dB
HD3
third harmonic distortion
fi = 15 MHz;
at Vo(dif)(max); at gain
control register:
00H
tbf
50
dB
20H
tbf
50
dB
3FH
50
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA8798HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
More results

Podobny opis - TDA8798HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com