Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

TDA8808T Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8808T
Szczegółowy opis  Photo diode signal processor for compact disc players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8808T Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8808T Datasheet HTML 1Page - NXP Semiconductors TDA8808T Datasheet HTML 2Page - NXP Semiconductors TDA8808T Datasheet HTML 3Page - NXP Semiconductors TDA8808T Datasheet HTML 4Page - NXP Semiconductors TDA8808T Datasheet HTML 5Page - NXP Semiconductors TDA8808T Datasheet HTML 6Page - NXP Semiconductors TDA8808T Datasheet HTML 7Page - NXP Semiconductors TDA8808T Datasheet HTML 8Page - NXP Semiconductors TDA8808T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
November 1987
2
Philips Semiconductors
Product specification
Photo diode signal processor for
compact disc players
TDA8808T
TDA8808AT
GENERAL DESCRIPTION
The TDA8808 is a bipolar integrated circuit designed for use in compact disc players with a single spot read-out system.
It amplifies the photo-diode signals and processes the error signals for the focus- and radial control network.
Features
• Data amplifier with equalizer and AGC
• Offset-free pre-amplifier with AGC for the servo signals
• Trackloss and drop-out detection
• Start-up procedure for focus
• Normalizing focus error output signal to minimize radial error interference
• Laser supply amplifier and reference source
• Both TDA8808T and TDA8808AT versions suitable for car, portable and home applications
• Single and dual supply application
• Focus in-lock signal; ready signal output (RD).
QUICK REFERENCE DATA
PACKAGE OUTLINE
28-lead mini-pack; plastic (SO28; SOT136A); SOT136-1; 1996 August 13.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
Supply voltage range
4,5
5,0
5,5
V
External voltage range
Vext
TDA8808T
−5,5
−5,0
0
V
Vext
TDA8808AT
VP
10
12
V
IQ
Quiescent supply current
Si/RD = 0 V
7,5
10
12,5
mA
HF input current
IHFin(p-p)
(peak-to-peak value)
fHFin = 100 kHz
3
10
µA
LF input current
ID
(for each diode input)
0
6
µA
ILO
Laser supply output current
Si/R7D = HIGH Z
−8
−4
−2mA
Operating ambient
Tamb
temperature range
−30
−+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn