Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8822T Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA8822T
Szczegółowy opis  Universal I2C-bus programmable RF modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8822T Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA8822T Datasheet HTML 3Page - NXP Semiconductors TDA8822T Datasheet HTML 4Page - NXP Semiconductors TDA8822T Datasheet HTML 5Page - NXP Semiconductors TDA8822T Datasheet HTML 6Page - NXP Semiconductors TDA8822T Datasheet HTML 7Page - NXP Semiconductors TDA8822T Datasheet HTML 8Page - NXP Semiconductors TDA8822T Datasheet HTML 9Page - NXP Semiconductors TDA8822T Datasheet HTML 10Page - NXP Semiconductors TDA8822T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1997 Jan 08
7
Philips Semiconductors
Preliminary specification
Universal I2C-bus programmable RF
modulator
TDA8822
Audio part
The audio part provides the following:
• The sound subcarrier is created in an integrated VCO.
The signal at the output of this VCO is fed to a stage that
adjusts the picture-to-sound ratio and to the audio
programmable divider.
• The frequency of the sound subcarrier is set by
programming the bits SC1 and SC0 of the I2C-bus (see
Table 2). These two bits set the dividing ratio of the
audio programmable divider to get the divided frequency
fdiv(audio).
• The audio phase detector compares the
phase/frequency of the divided audio frequency fdiv(audio)
and the reference frequency for the audio, fref(audio) and
drives the Charge Pump (CP) that charges or
discharges the audio loop filter connected between
pins ACP and AGND to get the VCO oscillating to the
programmed frequency.
• fref(audio) and fdiv(audio) can be monitored on the general
purpose output port during a special test mode.
• The frequency deviation of the sound subcarrier is set
using 3 bits DEV2, DEV1 and DEV0 of the I2C-bus
programming (see Table 3), when a signal of 1 kHz with
a level of 50 mV (p-p) is applied on the audio input pin.
• The difference between the picture carrier level and the
sound subcarrier level is adjusted using 3 bits PS2, PS1
and PS0 (see Table 4).
• The NICAM amplifier has a constant gain, and is
designed for adding a second sound subcarrier in the TV
channel. This subcarrier can be either a second FM
carrier for dual-sound/stereo system used in PAL B/G or
a modulated NICAM carrier. The level between the
picture carrier and the NICAM carrier (P/N) will depend
on the input level on the NICAM input.
Table 2
Sound subcarrier frequency setting
Table 3
Sound subcarrier frequency deviation setting (typical values)
SC SETTING
BIT
SOUND SUBCARRIER
FREQUENCY (MHz)
STANDARD
SC1
SC0
0
0
0
4.5
M, N
1
0
1
5.5
B, G
2
1
0
6.0
I
3
1
1
6.5
D, K
DEV SETTING
BIT
DEVIATION
(%)
DEVIATION (kHz)
DEV2
DEV1
DEV0
B, G, I, D, K
M, N
0
0
0
0
40.0
20.0
10.0
1
0
0
1
45.0
22.5
11.3
2
0
1
0
50.5
25.3
12.6
3
0
1
1
56.5
28.3
14.1
4
1
0
0
63.5
31.8
15.9
5
1
0
1
71.5
35.8
17.9
6
1
1
0
80.0
40.0
20.0
7
1
1
1
90.0
45.0
22.5


Podobny numer części - TDA8822T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8808AT PHILIPS-TDA8808AT Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
TDA8840 PHILIPS-TDA8840 Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8840H PHILIPS-TDA8840H Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
More results

Podobny opis - TDA8822T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
logo
Broadcom Corporation.
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
   Wideband Programmable Modulator (WPM)
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com