Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8945 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TDA8945
Szczegółowy opis  15 W mono Bridge Tied Load BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TDA8945 Datasheet HTML 7Page - NXP Semiconductors TDA8945 Datasheet HTML 8Page - NXP Semiconductors TDA8945 Datasheet HTML 9Page - NXP Semiconductors TDA8945 Datasheet HTML 10Page - NXP Semiconductors TDA8945 Datasheet HTML 11Page - NXP Semiconductors TDA8945 Datasheet HTML 12Page - NXP Semiconductors TDA8945 Datasheet HTML 13Page - NXP Semiconductors TDA8945 Datasheet HTML 14Page - NXP Semiconductors TDA8945 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
11 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
VCC = 18 V; RS =0 Ω; Vripple = 707 mV (RMS); no bandpass filter applied.
Curve A: inputs short-circuited
Curve B: inputs short-circuited and connected to ground (asymmetrical application)
Fig 12. Supply voltage ripple rejection as function of frequency.
handbook, full pagewidth
SVRR
(dB)
102
103
104
105
10
f (Hz)
−20
0
−40
−60
−80
MGU054
B
A


Podobny numer części - TDA8945

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8941 PHILIPS-TDA8941 Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942 PHILIPS-TDA8942 Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943 PHILIPS-TDA8943 Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
More results

Podobny opis - TDA8945

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com