Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4431-1YCPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADA4431-1YCPZ-RL
Szczegółowy opis  Ultralow Power SD Video Filter with Load Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  ADA4431-1YCPZ-RL Datasheet HTML 1Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 2Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 3Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADA4431-1
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VS = 3.0 V (@ TA = 25°C, VIN = 1 V p-p, RL = 150 Ω, DIS = 3.0 V, charge pump on), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ELECTRICAL SPECIFICATIONS
Quiescent Supply Current
Normal Mode
Video load present
4.7
7.2
mA
Load Searching Mode
No video load
0.1
mA
Disabled Mode
DIS = 0 V
24
μA
Disable Pin Current
DIS = 3.0 V (enabled and charge pump on)
3
6
μA
DIS = 0 V (disabled)
−17
−30
μA
Supply Voltage Range
2.5
3.6
V
Input Voltage
Limited by output range
1.3
V
Input Resistance
10
Input Capacitance
1
pF
Output Voltage Range
−0.8 to +2.8
V
Output Offset Voltage
−650
−600
−560
mV
Power Supply Rejection
f = 100 kHz, output referred
36
42
dB
Pass-Band Gain
5.7
6.0
6.2
dB
Input-to-Output Isolation—Disabled
f = 1 MHz, DIS = 0 V
89
dB
FILTER CHARACTERISTICS
−3 dB Bandwidth
7.1
7.9
9.1
MHz
1 dB Flatness
6
MHz
Out-of-Band Rejection
f = 27 MHz
25
27
dB
Differential Gain
Modulated 10 step ramp, sync tip at 0 V
0.7
%
Differential Phase
Modulated 10 step ramp, sync tip at 0 V
0.3
Degrees
Linear Output Current
40
mA
Group Delay Variation
f = 100 kHz to 5 MHz
30
ns


Podobny numer części - ADA4431-1YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
More results

Podobny opis - ADA4431-1YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
   Ultralow Power Video Filter with Power-Down
REV. A
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
   Ultralow Power Video Filter with Power-Down
REV. C
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
   Triple video buffer with filter for SD video
logo
Analog Devices
ADA4432-1 AD-ADA4432-1_17 Datasheet
517Kb / 25P
   SD Video Filter Amplifiers
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
   SD Video Filter Amplifiers
REV. A
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
   TSH173 triple video buffer with filter for SD video
logo
Maxim Integrated Produc...
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
   1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com