Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9144 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA9144
Szczegółowy opis  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9144 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA9144 Datasheet HTML 2Page - NXP Semiconductors TDA9144 Datasheet HTML 3Page - NXP Semiconductors TDA9144 Datasheet HTML 4Page - NXP Semiconductors TDA9144 Datasheet HTML 5Page - NXP Semiconductors TDA9144 Datasheet HTML 6Page - NXP Semiconductors TDA9144 Datasheet HTML 7Page - NXP Semiconductors TDA9144 Datasheet HTML 8Page - NXP Semiconductors TDA9144 Datasheet HTML 9Page - NXP Semiconductors TDA9144 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1996 Jan 17
6
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free PAL/NTSC/SECAM
decoder/sync processor with PALplus helper demodulator
TDA9144
FUNCTIONAL DESCRIPTION
The TDA9144 is an I2C-bus controlled, alignment-free
PAL/NTSC/SECAM colour decoder/sync processor which
has been designed for use with baseband chrominance
delay lines. For PALplus signals, helper demodulation and
blanking facilities are included; for EDTV-2 (60 Hz) signals
only blanking facilities are included.
In the standard operating mode the I2C-bus address is 8A.
If the address input is connected to the positive supply rail
the address will change to 8E.
Input switch
The TDA9144 has a two pin input for CVBS or Y/C signals
which can be selected via the I2C-bus. The input selector
also has a position in which it automatically detects
whether a CVBS or Y/C signal is on the input. In this input
selector position, standard identification first takes place
on an added Y/CVBS and C input signal. After that, both
chrominance signal input amplitudes are checked once
and the input with the strongest chrominance burst signal
is selected. The input switch status is read out by the
I2C-bus via output bit YC. The auto input detect mode
indicates YC = 1 for a VBS input signal (no chrominance
component).
CVBS output
In the standard operating mode with I2C-bus address 8A,
a CVBS output signal is available on the address pin,
which represents either the CVBS input signal or the Y/C
input signal, added into a CVBS signal.
RGB colour matrix
The TDA9144 has a colour matrix to convert RGB input
signals into YUV signals. A fast switch, controlled by the
signal on pin F and enabled by I2C-bus via EFS (enable
fast switch), can select between these YUV signals and
the YUV signals of the decoder. Mode FRGB = 1 (forced
RGB) overrules EFS and forces the matrixed RGB inputs
to the YUV outputs.
CAUTION
The voltage on the chrominance pin must never exceed
5.5 V. If it does, the IC enters a test mode.
CAUTION
The voltage on the Uin pin must never exceed 5.5 V.
If it does, the IC enters a test mode.
The Y signal is internally connected to the switch. The
−(R−Y) and −(B−Y) output signals of the decoder first have
to be delayed in external baseband chrominance delay
lines. The outputs of the delay lines must be connected to
the UV input pins. If the RGB signals are not synchronous
with the selected decoder input signal, clamping of the
RGB input signals is possible by I2C-bus selection of ECL
(external RGB clamp mode) and by feeding an external
clamping signal to the CLP pin. Also in external RGB
clamp mode the VA output will be in a high impedance
OFF-state. The YUV outputs can be put in 3-state mode by
bus bit LPS (low power standby mode).
Standard identification
The standards which the TDA9144 can decode depend
upon the choice of external crystals. If a 4.4 MHz and a
3.6 MHz crystal are used then SECAM, PAL 4.4/3.6 and
NTSC 4.4/3.6 can be decoded. If two 3.6 MHz crystals are
used then only PAL 3.6 and NTSC 3.6 can be decoded.
Which 3.6 MHz standards can be decoded depends upon
the exact frequencies of the 3.6 MHz crystals. In an
application where not all standards are required only one
crystal is sufficient; in this instance the crystal must be
connected to the reference crystal input (pin 30). If a
4.4 MHz crystal is used it must always be connected to the
reference crystal input. Both crystals are used to provide a
reference for the filters and the horizontal PLL, however,
only the reference crystal is used to provide a reference for
the SECAM demodulator. To enable the calibrating circuits
to be adjusted exactly, two bits from I2C-bus subaddress
00 are used to indicate which crystals are connected to the
IC.
The standard identification circuit is a digital circuit without
external components. The search loop is illustrated
in Fig.3. The decoder (via the I2C-bus) can be forced to
decode either SECAM or PAL/NTSC (but not PAL or
NTSC). Crystal selection can also be forced. Information
concerning standard and which crystal is selected and
whether the colour killer is ON or OFF is provided by the
read out.
Using the forced-mode does not affect the search loop, it
does however, prevent the decoder from reaching or
staying in an unwanted state. The identification circuit
skips impossible standards (e.g. SECAM when no
4.4 MHz crystal is fitted) and illegal standards (e.g. in
forced mode). To reduce the risk of wrong identification
PAL has priority over SECAM. Only line identification is
used for SECAM. For a vertical frequency of 60 Hz
SECAM can be blocked to prevent wrong identification by
means of bus bit SAF.


Podobny numer części - TDA9144

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results

Podobny opis - TDA9144

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
   BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
logo
NXP Semiconductors
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com