Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9160 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA9160
Szczegółowy opis  PAL/NTSC/SECAM decoder/sync processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9160 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA9160 Datasheet HTML 3Page - NXP Semiconductors TDA9160 Datasheet HTML 4Page - NXP Semiconductors TDA9160 Datasheet HTML 5Page - NXP Semiconductors TDA9160 Datasheet HTML 6Page - NXP Semiconductors TDA9160 Datasheet HTML 7Page - NXP Semiconductors TDA9160 Datasheet HTML 8Page - NXP Semiconductors TDA9160 Datasheet HTML 9Page - NXP Semiconductors TDA9160 Datasheet HTML 10Page - NXP Semiconductors TDA9160 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
December 1991
7
Philips Semiconductors
Preliminary specification
PAL/NTSC/SECAM decoder/sync
processor
TDA9160
right-hand side (50 Hz) of the state
diagram.
Figure 6 illustrates the state diagram
of the 'norm' counter which is an
up/down counter that counts up if it
finds a vertical sync pulse within the
selected window. In the
NEAR-NORM and NORM states the
first correct vertical sync pulse after
one or more incorrect vertical sync
pulses is processed as an incorrect
pulse. This procedure prevents the
system from staying in the
NEAR-NORM or NORM state if the
vertical sync pulse is correct in the
first field and incorrect in the second
field. If no vertical sync pulse is found
in the selected window this will always
result in a down pulse for the 'norm'
counter.
Figure 7 illustrates the timing of the
display sandcastle (DSC) and the
reset pulse of the vertical sawtooth
with respect to the input signal
I2C-bus protocol
If the TXT output is connected to the
positive supply the address will
change from 8A to 8E.
Valid subaddresses = 00 to 0F
Auto-increment mode available for
subaddresses.
Subaddress 00 must always be sent
before subaddress 01 in order to
protect the horizontal output
transistor.
Table 1
Slave address (8A)
Table 2
Inputs
Table 3
Outputs
A6
A5
A4
A3
A2
A1
A0
R/W
1000
1X
1X
SUBADDRESS
MSB
LSB
00
INA
INB
INC
IND
FOA
FOB
XA
XB
01
FORF
FORS
DL
STB
POC
FM
SAF
FRQF
02
−−
HU5
HU4
HU3
HU2
HU1
HU0
03
−−
HS5
HS4
HS3
HS2
HS1
HS0
04
−−
EW5
EW4
EW3
EW2
EW1
EW0
05
−−
PW5
PW4
PW3
PW2
PW1
PW0
06
−−
CP5
CP4
CP3
CP2
CP1
CP0
07
−−
TC5
TC4
TC3
TC2
TC1
TC0
08
−−
VS5
CS4
VS3
VS2
VS1
VS0
09
−−
VA5VA4
VA3VA2
VA1VA0
0A
−−
SC5
SC4
SC3
SC2
SC1
SC0
0B
SBL
VSH5
VSH4
VSH3
VSH2
VSH1
VSH0
ADDRESS
POR
FSI
STS
SL
PROT
SAK
SBK
FRQ


Podobny numer części - TDA9160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA9102 STMICROELECTRONICS-TDA9102 Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
More results

Podobny opis - TDA9160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com