Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9800 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA9800
Szczegółowy opis  VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA9800 Datasheet HTML 4Page - NXP Semiconductors TDA9800 Datasheet HTML 5Page - NXP Semiconductors TDA9800 Datasheet HTML 6Page - NXP Semiconductors TDA9800 Datasheet HTML 7Page - NXP Semiconductors TDA9800 Datasheet HTML 8Page - NXP Semiconductors TDA9800 Datasheet HTML 9Page - NXP Semiconductors TDA9800 Datasheet HTML 10Page - NXP Semiconductors TDA9800 Datasheet HTML 11Page - NXP Semiconductors TDA9800 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
July 1994
8
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
Vi IF
IF input signal sensitivity
(RMS value, pins 1 and 2)
for PLL still locked
maximum IF gain;
note 5
50
90
µV
for C/N = 10 dB
note 6
100
140
µV
Iloop
FPLL loop offset current at pin 6
note 7
−−±4.5
µA
Composite video amplifier (pin 13)
sound carrier off
V0 vid
output signal (peak-to-peak value)
see Fig.7
0.9
1.0
1.1
V
V13
sync level
1.4
1.5
1.6
V
zero carrier level
2.6
V
upper video clipping level
VP − 1.1 VP − 1.0 −
V
lower video clipping level
0.3
0.4
V
V0 FM
IF intercarrier level (RMS value)
sound carrier on; note 8
170
mV
R13
output resistance
−−
10
Iint13
internal bias current for emitter
follower
DC
1.8
2.5
mA
I13
maximum output sink current
DC and AC
1.4
−−
mA
maximum output source current
2.0
−−
mA
B
−3 dB video bandwidth
C13 < 50 pF; RL >1kΩ
710
MHz
α
H
suppression of video signal
harmonics
C13 < 50 pF; RL >1kΩ;
note 9
35
40
dB
RR
ripple rejection on pin 13
see Fig.9
32
35
dB
CVBS buffer amplifier and noise clipper (pins 7 and 14)
R14
input resistance
2.6
3.3
4.0
k
C14
input capacitance
1.4
2
3.0
pF
V14
DC voltage at input
pin 14 not connected
1.5
1.8
2.1
V
Gv
voltage gain
note 10
6
7
7.5
dB
Vo CVBS
CVBS output signal on pin 7
(peak-to-peak value)
sound carrier off;
see Fig.3
1.7
2.0
2.3
V
CVBS output level
upper video clipping
3.9
4.0
V
lower video clipping
1.0
1.1
V
sync level
1.35
V
R7
output resistance
−−
10
Iint7
internal bias current for emitter
follower
DC
1.8
2.5
mA
I7
maximum output sink current
DC and AC
1.4
−−
mA
maximum output source current
2.4
−−
mA
B
−3 dB video bandwidth
C7 < 20 pF; RL > 1kΩ
811
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA9800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Podobny opis - TDA9800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com