Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9800T Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA9800T
Szczegółowy opis  VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800T Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA9800T Datasheet HTML 6Page - NXP Semiconductors TDA9800T Datasheet HTML 7Page - NXP Semiconductors TDA9800T Datasheet HTML 8Page - NXP Semiconductors TDA9800T Datasheet HTML 9Page - NXP Semiconductors TDA9800T Datasheet HTML 10Page - NXP Semiconductors TDA9800T Datasheet HTML 11Page - NXP Semiconductors TDA9800T Datasheet HTML 12Page - NXP Semiconductors TDA9800T Datasheet HTML 13Page - NXP Semiconductors TDA9800T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
July 1994
10
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
Tuner AGC (pin 12)
Vi
IF input signal for minimum starting
point of tuner take over (RMS value)
input at pins 1 and 2;
RTOP = 22 kΩ
−−
5mV
IF input signal for maximum starting
point of tuner take over (RMS value)
input at pins 1 and 2;
RTOP =0 Ω
50
−−
mV
V12
allowable voltage
from external source
−−
13.2
V
saturation voltage
I12 = 1.7 mA
−−
0.2
V
∆V12
variation of take over point by
temperature
I12 = 0.4 mA
0.02
0.06
dB/K
I12
sink current
see Fig.4
no tuner gain reduction
0.1
0.3
µA
maximum tuner gain
reduction
1.7
2.0
2.6
mA
∆G
IF
IF slip by automatic gain control
tuner gain current from
20 to 80%
68dB
AFC circuit (pin 15)
see Fig.8 and note 14
S
control steepness
∆I15/∆f
note 15
38.9 MHz
−0.6
−0.72
−0.84
µA/kHz
45.75 MHz
−0.45
−0.6
−0.75
µA/kHz
58.75 MHz
−0.38
−0.5
−0.62
µA/kHz
∆f
IF
frequency variation by temperature
IAFC = 0; note 3
−−±20
ppm/K
V15
output voltage upper limit
see Fig.8
VP − 0.5 VP − 0.3 −
V
output voltage lower limit
0.3
0.5
V
I15
output current source
160
200
240
µA
output current sink
160
200
240
µA
∆I15
residual video modulation current
(peak-to-peak value)
20
30
µA
Sound mute switch (pin 5)
note 16
VIL
input voltage for MUTE-ON
0
0.8
V
VIH
input voltage for MUTE-OFF
1.5
VP
V
IIL
LOW level input current
V5 =0V
−−300
−360
µA
α
mute
audio attenuation
V5 = 0 V
70
80
dB
∆V
5
DC offset voltage at switching (plop)
switching to MUTE-ON
100
500
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA9800T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Podobny opis - TDA9800T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com