Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G34 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74LVC1G34
Szczegółowy opis  Single buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G34 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74LVC1G34 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC1G34 provides a low-power, low-voltage single buffer.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and
fall times.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s 5 V tolerant inputs for interfacing with 5 V logic
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V).
s
±24 mA output drive (V
CC = 3.0 V)
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s CMOS low power consumption
s Latch-up performance exceeds 250 mA
s Direct interface with TTL levels
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74LVC1G34
Single buffer
Rev. 02 — 21 May 2007
Product data sheet


Podobny numer części - 74LVC1G34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Silicon Supplies
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
   Single Buffer Gate in bare die form
logo
Nexperia B.V. All right...
74LVC1G34 NEXPERIA-74LVC1G34 Datasheet
271Kb / 18P
   Single buffer
Rev. 9 - 18 January 2022
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
Diodes Incorporated
74LVC1G34FS3-7 DIODES-74LVC1G34FS3-7 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
More results

Podobny opis - 74LVC1G34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
   SINGLE BUFFER
October 1999
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34_14 Datasheet
143Kb / 10P
   Single Buffer
March, 2014 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
   Single Buffer
February, 2021 - Rev. 7
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
   SINGLE BUFFER
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
logo
STMicroelectronics
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
   SINGLE BUFFER
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
   Single buffer
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
   Single buffer
Rev. 2 - 17 January 2022
logo
ON Semiconductor
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
   Single Buffer
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com