Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1303B-ER0EMF Arkusz danych(PDF) 1 Page - Microchip Technology

Numer części TC1303B-ER0EMF
Szczegółowy opis  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-ER0EMF Arkusz danych(HTML) 1 Page - Microchip Technology

  TC1303B-ER0EMF Datasheet HTML 1Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 2Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 3Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 4Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 5Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 6Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 7Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 8Page - Microchip Technology TC1303B-ER0EMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 1
TC1303B
Features
• Dual-Output Regulator (500 mA Buck Regulator
and 300 mA Low-Dropout Regulator)
• Power-Good Output with 300 ms Delay
• Total Device Quiescent Current = 65 µA, Typ.
• Independent Shutdown for Buck and LDO
Outputs
• Both Outputs Internally Compensated
• Synchronous Buck Regulator:
- Over 90% Typical Efficiency
- 2.0 MHz Fixed Frequency PWM
(Heavy Load)
- Low Output Noise
- Automatic PWM to PFM mode transition
- Adjustable (0.8V to 4.5V) and Standard Fixed
Output Voltages (0.8V, 1.2V, 1.5V, 1.8V, 2.5V,
3.3V)
• Low-Dropout Regulator:
- Low-Dropout Voltage = 137 mV Typ. @
200 mA
- Standard Fixed Output Voltages
(1.5V, 1.8V, 2.5V, 3.3V)
• Power-Good Function:
- Monitors LDO Output Function (TC1303B)
- 300 ms Delay Used for Processor Reset
• Small 10-pin 3X3 DFN or MSOP Package
Options
• Operating Junction Temperature Range:
- -40°C to +125°C
• Undervoltage Lockout (UVLO)
• Output Short Circuit Protection
• Overtemperature Protection
Applications
• Cellular Phones
• Portable Computers
• USB Powered Devices
• Handheld Medical Instruments
• Organizers and PDAs
Description
The TC1303B combines a 500 mA synchronous buck
regulator and 300 mA Low-Dropout Regulator (LDO)
with a power-good monitor to provide a highly
integrated solution for devices that require multiple
supply voltages. The unique combination of an
integrated buck switching regulator and low-dropout
linear regulator provides the lowest system cost for
dual-output voltage applications that require one lower
processor core voltage and one higher bias voltage.
The 500 mA synchronous buck regulator switches at a
fixed frequency of 2.0 MHz when the load is heavy
providing a low noise, small-size solution. When the
load on the buck output is reduced to light levels, it
changes operation to a Pulse Frequency Modulation
(PFM) mode to minimize quiescent current draw from
the battery. No intervention is necessary for smooth
transition from one mode to another.
The LDO provides a 300 mA auxiliary output that
requires a single 1 µF ceramic output capacitor,
minimizing board area and cost. The typical dropout
voltage for the LDO output is 137 mV for a 200 mA
load.
For the TC1303B, the power-good output logic level is
based on the regulation of the LDO output only. The
buck regulator can be turned on and off without affecting
the power-good signal.
The TC1303B is available in either the 10-pin DFN or
MSOP package.
Additional
protection
features
include:
UVLO,
overtemperature and overcurrent protection on both
outputs.
For a complete listing of TC1303B standard parts, con-
sult your Microchip representative.
Package Type
10-Lead DFN
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VFB1/VOUT1
PG
10-Lead MSOP
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VFB1/VOUT1
PG
500 mA Synchronous Buck Regulator,
+ 300 mA LDO with Power-Good Output


Podobny numer części - TC1303B-ER0EMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303B-1G0EMF MICROCHIP-TC1303B-1G0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EMFTR MICROCHIP-TC1303B-1G0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUN MICROCHIP-TC1303B-1G0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUNTR MICROCHIP-TC1303B-1G0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G1EMF MICROCHIP-TC1303B-1G1EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

Podobny opis - TC1303B-ER0EMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com