Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9852 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA9852
Szczegółowy opis  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 6Page - NXP Semiconductors TDA9852 Datasheet HTML 7Page - NXP Semiconductors TDA9852 Datasheet HTML 8Page - NXP Semiconductors TDA9852 Datasheet HTML 9Page - NXP Semiconductors TDA9852 Datasheet HTML 10Page - NXP Semiconductors TDA9852 Datasheet HTML 11Page - NXP Semiconductors TDA9852 Datasheet HTML 12Page - NXP Semiconductors TDA9852 Datasheet HTML 13Page - NXP Semiconductors TDA9852 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1997 Mar 11
10
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
MUTE
The mute function can be activated independently with last
step of volume control at the left or right output. By setting
the general mute bit GMU via the I2C-bus all outputs are
muted. All channels include an independent zero cross
detector. The zero crossing mute feature can be selected
via bit TZCM:
TZCM = 0: forced mute with direct execution
TZCM = 1: execution in time with signal zero crossing.
In the zero cross mode a change in the GMU polarity is
activated but not executed. The execution is enabled at
the next zero crossing of the signal. To avoid a large delay
of mute switching, when very low frequencies are
processed, or the output signal amplitude is lower than the
DC offset voltage, the following I2C-bus transmissions are
needed:
a first transmission for mute execution
a second transmission about 100 ms later, which must
switch the zero crossing mode to forced mute
(TZCM = 0)
a third transmission to reactivate the zero crossing
mode (TZCM = 1). This transmission can take place
immediately, but must follow before the next mute
execution.
Adjustment procedure
COMPOSITE INPUT LEVEL ADJUSTMENT
Feed in from FM demodulator the composite signal with
100% modulation (25 kHz deviation) L + R; fi = 300 Hz.
Set input level control via I2C-bus monitoring line out
(500 mV
±20 mV). Store the setting in a non-volatile
memory.
AUTOMATIC ADJUSTMENT PROCEDURE
• Capacitors of external inputs LIL and LIR must be
grounded at EIL and EIR
• Composite input signal L = 300 Hz, R = 3.1 kHz,
14% modulation for each channel; volume gain +16 dB
via I2C-bus
• Effects, AVL, loudness off.
• Line out setting bits: STEREO = 1, SAP = 0
(see Table 12)
• Selector setting SC0, SC1, SC2 = 0, 0, 0 (see Table 11)
• Start adjustment by transmission ADJ = 1 in register
ALI3; the decoder will align itself
• After 1 second minimum stop alignment by transmitting
ADJ = 0 in register ALI3 read the alignment data by an
I2C-bus read operation from ALR1 and ALR2
(see Chapter “I2C-bus protocol”) and store it in a
non-volatile memory; the alignment procedure
overwrites the previous data stored in ALI1 and ALI2
• Disconnect the capacitors of external inputs from
ground.
MANUAL ADJUSTMENT
Manual adjustment is necessary when no dual tone
generator is available (e.g. for service).
• Spectral and wideband data have to be set to 10000
(middle position for adjustment range)
• Composite input L = 300 Hz; 14% modulation
• Adjust channel separation by varying wideband data
• Composite input L = 3 kHz; 14% modulation
• Adjust channel separation by varying spectral data
• Iterative spectral/wideband operation for optimum
adjustment
• Store data in non-volatile memory.
TIMING CURRENT FOR RELEASE RATE
Due to possible internal and external spreading, the timing
current can be adjusted via I2C-bus, see Table 20, as
recommended by dbx.


Podobny numer części - TDA9852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

Podobny opis - TDA9852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com