Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9853H Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TDA9853H
Szczegółowy opis  I2C-bus controlled economic BTSC stereo decoder and audio processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853H Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TDA9853H Datasheet HTML 1Page - NXP Semiconductors TDA9853H Datasheet HTML 2Page - NXP Semiconductors TDA9853H Datasheet HTML 3Page - NXP Semiconductors TDA9853H Datasheet HTML 4Page - NXP Semiconductors TDA9853H Datasheet HTML 5Page - NXP Semiconductors TDA9853H Datasheet HTML 6Page - NXP Semiconductors TDA9853H Datasheet HTML 7Page - NXP Semiconductors TDA9853H Datasheet HTML 8Page - NXP Semiconductors TDA9853H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2000 Dec 11
3
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.8
8
9
V
ICC
supply current
25
33
45
mA
Vo(rms)
output voltage (RMS value)
composite input voltage 250 mV (RMS)
for 100% modulation L + R
(25 kHz deviation); fmod = 300 Hz
500
mV
α
csL,R
stereo channel separation
L and R
14% modulation; fL = 300 Hz; fR = 3 kHz 15
20
dB
THDL,R
total harmonic distortion
L and R
100% modulation L or R; fmod = 1 kHz
0.2
1
%
S/N
signal-to-noise ratio at line out
and at AF output
mono via I2C-bus; referenced to 500 mV
output signal; volume 0 dB
CCIR 468-2 weighted; quasi peak
50
60
dB
DIN noise weighting filter (RMS value)
73
dBA
VI, O(rms)
signal handling (RMS value)
THD < 0.5%
2
−−
V
AVL
AVL control range
−15
+6
dB
Gc
volume control range
−63
+12
dB
Llinear
linear tone control
0
dB
Lbass(max)
tone control with maximum
bass
referenced to linear position;
fmod =20Hz
10
12
dB
Lbass(min)
tone control with minimum
bass
referenced to linear position;
fmod =20Hz
3.5
5
dB
Ltreble(max) tone control with maximum
treble
referenced to linear position;
fmod =20kHz
68
dB
Ltreble(min) tone control with minimum
treble
referenced to linear position;
fmod =20kHz
−−1.5
dB


Podobny numer części - TDA9853H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
More results

Podobny opis - TDA9853H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com