Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9860 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA9860
Szczegółowy opis  Universal HiFi audio processor for TV
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA9860 Datasheet HTML 6Page - NXP Semiconductors TDA9860 Datasheet HTML 7Page - NXP Semiconductors TDA9860 Datasheet HTML 8Page - NXP Semiconductors TDA9860 Datasheet HTML 9Page - NXP Semiconductors TDA9860 Datasheet HTML 10Page - NXP Semiconductors TDA9860 Datasheet HTML 11Page - NXP Semiconductors TDA9860 Datasheet HTML 12Page - NXP Semiconductors TDA9860 Datasheet HTML 13Page - NXP Semiconductors TDA9860 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
July 1994
10
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
I2C-BUS FORMAT
This circuit only operates as a slave transmitter.
If more than 1 byte of DATA is transmitted, then auto-increment of the subaddress is performed.
Byte organisation
Table 1
I2C-bus transmission.
S
SLAVE ADDRESS
A
SUBADDRESS
A
DATA
P
S
= start condition
SLAVE ADDRESS
= 1000 0000 (V25 = LOW) or 1000 0010 (V25 = HIGH)
A
= acknowledge, generated by the slave or by the master
SUBADDRESS
= subaddress byte, see Table 1
DATA
= data byte, see Table 1
P
= stop condition
FUNCTION
SUBADDRESS
HEX
DATA
D7
D6
D5
D4
D3
D2
D1
D0
loudspeaker channel
volume control both
0000 0000
00
0
0
V05
V04
V03
V02
V01
V00
volume/balance left
0000 0001
01
0
0
0
VL4
VL3
VL2
VL1
VL0
volume/balance right
0000 0010
02
0
0
0
VR4
VR3
VR2
VR1
VR0
bass control byte
0000 0011
03
0
0
0
BA4
BA3
BA2
BA1
BA0
treble control byte
0000 0100
04
0000TR3
TR2
TR1
TR0
headphone channel
volume control left
0000 0101
05
0
0
VHL5
VHL4
VHL3
VHL2
VHL1
VHL0
volume control right
0000 0110
06
0
0
VHR5
VHR4
VHR3
VHR2
VHR1
VHR0
switching control byte
headphone output
0000 0111
07
0
MU0
0
0
I03
I02
I01
I00
SCART output
0000 1000
08
0
MU1
P1
P2
I13
I12
I11
I10
loudspeaker output
0000 1001
09
EF2
MU2
EF1
ST
I23
I22
I21
I20


Podobny numer części - TDA9860

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
More results

Podobny opis - TDA9860

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com