Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9861 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA9861
Szczegółowy opis  Universal HiFi audio processor for TV
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9861 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA9861 Datasheet HTML 1Page - NXP Semiconductors TDA9861 Datasheet HTML 2Page - NXP Semiconductors TDA9861 Datasheet HTML 3Page - NXP Semiconductors TDA9861 Datasheet HTML 4Page - NXP Semiconductors TDA9861 Datasheet HTML 5Page - NXP Semiconductors TDA9861 Datasheet HTML 6Page - NXP Semiconductors TDA9861 Datasheet HTML 7Page - NXP Semiconductors TDA9861 Datasheet HTML 8Page - NXP Semiconductors TDA9861 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
June 1994
4
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9861
PINNING
SYMBOL
PIN
DESCRIPTION
Vi 3
1
SCART input signal LEFT
P1
2
port 1 output
Vi 5
3
MAIN input signal LEFT
CSMO
4
smoothing capacitor of reference voltage
Vi 6
5
MAIN input signal RIGHT
VP
6
positive supply voltage
Vo 6
7
SCART output signal RIGHT
GND
8
ground
Vo 2
9
MAIN output signal RIGHT
Vi 8
10
input signal RIGHT to loudspeaker channel
CBR1
11
bass capacitor RIGHT 1
CBR2
12
bass capacitor RIGHT 2
Vo 8
13
headphone output signal RIGHT
CTR
14
treble capacitor RIGHT
Vo 4
15
loudspeaker channel output signal RIGHT
SCL
16
I2C-bus clock line
SDA
17
I2C-bus data line
Vo 3
18
loudspeaker channel output signal LEFT
CTL
19
treble capacitor LEFT
Vo 7
20
headphone output signal LEFT
CBL2
21
bass capacitor LEFT 2
CBL1
22
bass capacitor LEFT 1
Vi 7
23
input signal LEFT to loudspeaker channel
Vo 1
24
MAIN output signal LEFT
MAD
25
module address select input
Vo 5
26
SCART output signal LEFT
CPS2
27
pseudo stereo capacitor 2
Vi 1
28
AUX input signal LEFT
CPS1
29
pseudo stereo capacitor 1
Vi 2
30
AUX input signal RIGHT
P2
31
port 2 output
Vi 4
32
SCART input signal RIGHT
Fig.2 Pin configuration.


Podobny numer części - TDA9861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
   Universal HiFi audio processor for TV
July 1994
TDA9860N PHILIPS-TDA9860N Datasheet
124Kb / 18P
   Universal HiFi audio processor for TV
July 1994
More results

Podobny opis - TDA9861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
   Universal HiFi audio processor for TV
July 1994
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com