Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9880T Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA9880T
Szczegółowy opis  Alignment-free multistandard vision and FM sound IF-PLL demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880T Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA9880T Datasheet HTML 1Page - NXP Semiconductors TDA9880T Datasheet HTML 2Page - NXP Semiconductors TDA9880T Datasheet HTML 3Page - NXP Semiconductors TDA9880T Datasheet HTML 4Page - NXP Semiconductors TDA9880T Datasheet HTML 5Page - NXP Semiconductors TDA9880T Datasheet HTML 6Page - NXP Semiconductors TDA9880T Datasheet HTML 7Page - NXP Semiconductors TDA9880T Datasheet HTML 8Page - NXP Semiconductors TDA9880T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1999 Jul 21
4
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. The sound carrier frequencies (depending on TV standard) are attenuated by the integrated sound carrier traps
(see Figs 13 to 18);
H (s) is the absolute value of transfer function.
3. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value, pin 13). B = 4.2 MHz
(M/N standard) or B = 5.0 MHz (B/G, I and D/K standard) weighted in accordance with
“CCIR 567”.
4. The intercarrier output signal at pin 11 can be calculated by the following formula taking into account the internal
video signal with 1.1 V (p-p) as a reference:
where:
= correction term for RMS value,
= sound-to-picture carrier ratio at VIF input (pins 1 and 2) in dB,
6 dB = correction term of internal circuitry and
±3 dB = tolerance of video output and intercarrier output amplitude
Vo(intc)(rms).
Bintc(−3dB)(ul)
upper limit
−3 dB intercarrier
bandwidth
7.5
9
MHz
Vo(AF)(8)(rms)
audio output signal voltage at pin 8
(RMS value)
25 kHz FM deviation;
75
µs de-emphasis
400
500
600
mV
THD8
total harmonic distortion at pin 8
0.15
0.5
%
BAF(−3dB)
−3 dB audio frequency bandwidth
without de-emphasis;
dependent on loop filter at
pin 4
100
120
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
black picture
50
56
dB
white picture
45
51
dB
6 kHz sine wave
(black-to-white modulation)
40
46
dB
sound carrier
subharmonics;
f = 2.25 MHz
±3 kHz
35
40
dB
α
AM(sup)
AM suppression of FM demodulator
75
µs de-emphasis;
AM: f = 1 kHz; m = 0.3
referenced to 25 kHz
FM deviation
40
46
dB
PSRR8
power supply ripple rejection at pin 8 fripple = 70 Hz; see Fig.9
14
20
dB
∆f
FM
frequency window of digital
acquisition help for FM demodulator
−±225
kHz
fref(15)
frequency of reference signal at
pin 15
4.0
MHz
Vref(15)(rms)
amplitude of reference signal source
at pin 15 (RMS value)
operation as input terminal
80
400
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
o(intc)(rms)
1.1 V (p-p)
1
22
-----------
×
10
V
iSC
()
V
iPC
()
--------------- dB
() 6 dB 3 dB
±
+
20
----------------------------------------------------------------
×
=
1
22
-----------
V
iSC
()
V
iPC
()
--------------- dB
()


Podobny numer części - TDA9880T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

Podobny opis - TDA9880T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com