Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7490 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADT7490
Szczegółowy opis  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 3Page - Analog Devices ADT7490 Datasheet HTML 4Page - Analog Devices ADT7490 Datasheet HTML 5Page - Analog Devices ADT7490 Datasheet HTML 6Page - Analog Devices ADT7490 Datasheet HTML 7Page - Analog Devices ADT7490 Datasheet HTML 8Page - Analog Devices ADT7490 Datasheet HTML 9Page - Analog Devices ADT7490 Datasheet HTML 10Page - Analog Devices ADT7490 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ADT7490
Rev. 0 | Page 7 of 76
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
D1–
D2+
D2–
TACH4/THERM/SMBALERT/ADDR SELECT
+5VIN
+12VIN
+2.5VIN/THERM
VCCP
IMON
D1+
16
9
15
10
14
11
13
12
TACH1
TACH2
PWM3/ADDREN
20
5
19
6
18
7
17
8
GND
VCC
GPIO1
TACH3
VTT
PECI
GPIO2
21
4
22
3
23
2
SCL
PWM1/XTO
24
1
SDA
PWM2/SMBALERT
ADT7490
TOP VIEW
(Not to Scale)
Figure 3.Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
SDA
Digital I/O
SMBus Bidirectional Serial Data. Open drain, requires SMBus pull-up.
2
SCL
Digital Input
SMBus Serial Clock Input. Open drain, requires SMBus pull-up.
3
GND
Ground
Ground Pin.
4
VCC
Power Supply
3.3 V ± 10%.
5
GPIO1
Digital Input/Output
General-Purpose Open-Drain Digital Input/Output. Frequently used for switching
loadline resistors into VR loadline circuitry or for switching LEDs using external FETs.
6
GPIO2
Digital Input/Output
General-Purpose Open-Drain Digital Input/Output. Frequently used for switching
loadline resistors into VR loadline circuitry or for switching LEDs using external FETs.
7
PECI
Digital Input
PECI Input to Report CPU Thermal Information. PECI voltage level is referenced on the
VTT input
8
VTT
Analog Input
Voltage Reference for PECI. This is the supply voltage for the PECI interface and must be
present to measure temperature over the PECI interface. This voltage is also monitored
and presented in register 0x1E.
9
TACH3
Digital Input
Fan Tachometer Input to Measure Speed of FAN 3 (Open-Drain Digital Input).
10
PWM2/
Digital Output
Pulse Width Modulated Output to Control FAN 2 Speed. Open drain requires 10 kΩ
typical pull-up.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt
output to signal out-of-limit conditions.
11
TACH1
Digital Input
Fan Tachometer Input to Measure Speed Of Fan 1 (Open-Drain Digital Input.).
12
TACH2
Digital Input
Fan Tachometer Input To Measure Speed Of Fan 2 (Open-Drain Digital Input.).
13
PWM3/
Digital Output
Pulse Width Modulated Output to Control Fan 3 Speed. Open drain requires 10kΩ
typical pull-up.
ADDREN
If pulled low on power-up, the ADT7490 enters address select mode, and the state of
Pin 14 (ADDR SELECT) determines the ADT7490’s slave address.
14
TACH4/
Digital Input/Output
Fan Tachometer Input to Measure Speed of Fan 4 (Open-Drain Digital Input).
THERM/
May be reconfigured as a bidirectional THERM pin. Can be connected to PROCHOT
output of processor, to time and monitor PROCHOT assertions. Can be used as an
output to signal overtemperature conditions or for clock modulation purposes.
SMBALERT/
Active Low Digital Output. The SMBALERT Pin is used to signal out-of-limit comparisons
of temperature, voltage, and fan speed. This is compatible with SMBus alert.
ADDR SELECT
Can also be used at device power-up to assign SMBus address.
15
D2−
Analog Input
Negative Connection for Remote Temperature Sensor 2.
16
D2+
Analog Input
Positive Connection to Remote Temperature Sensor 2.
17
D1−
Analog Input
Negative Connection for Remote Temperature Sensor 1.
18
D1+
Analog Input
Positive Connection to Remote Temperature Sensor 1.
19
IMON
Analog Input
Monitors Current Output of Analog Devices ADP319x family of VRD10/VRD11
controllers.


Podobny numer części - ADT7490

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490 Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ ONSEMI-ADT7490ARQZ Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-R7 ONSEMI-ADT7490ARQZ-R7 Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-REEL ONSEMI-ADT7490ARQZ-REEL Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-REEL ONSEMI-ADT7490ARQZ-REEL Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
More results

Podobny opis - ADT7490

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490 Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com