Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7863I Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7863I
Szczegółowy opis  Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7863I Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS7863I Datasheet HTML 1Page - Burr-Brown (TI) ADS7863I Datasheet HTML 2Page - Burr-Brown (TI) ADS7863I Datasheet HTML 3Page - Burr-Brown (TI) ADS7863I Datasheet HTML 4Page - Burr-Brown (TI) ADS7863I Datasheet HTML 5Page - Burr-Brown (TI) ADS7863I Datasheet HTML 6Page - Burr-Brown (TI) ADS7863I Datasheet HTML 7Page - Burr-Brown (TI) ADS7863I Datasheet HTML 8Page - Burr-Brown (TI) ADS7863I Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
ADS7863
SBAS383 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +125°C, and AVDD = 5V, BVDD = 3.3V, VREF = 2.5V (internal), fCLK = 24MHz, and fSAMPLE = 1.5MSPS, unless
otherwise noted.
ADS7863
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
INTERNAL VOLTAGE REFERENCE, continued
PSRR
Power-supply rejection ratio
dB
IREFOUT
Reference output dc current
1
mA
IREFSC
Reference output short-circuit current
mA
tREFON
Reference output settling time
100
μs
VOLTAGE REFERENCE INPUT
VREF
Reference input voltage range
0.5
2.5
2.525
V
IREF
Reference input current
50
μA
CREF
Reference input capacitance
10
pF
DIGITAL INPUTS
Logic family
CMOS
VIH
High-level input voltage
0.7
× BV
DD
BVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3
× BV
DD
V
IIN
Input current
VIN = BVDD to BGND
–50
+50
nA
CIN
Input capacitance
5
pF
DIGITAL OUTPUTS
Logic family
CMOS
VOH
High-level output voltage
IOH = –100μA
BVDD – 0.2
V
VOL
Low-level output voltage
IOH = 100μA
0.2
V
IOZ
High-impedance-state output current
VIN = BVDD to BGND
–50
+50
nA
COUT
Output capacitance
5
pF
CLOAD
Load capacitance
30
pF
POWER SUPPLY
AVDD
Analog supply voltage
AVDD to AGND
2.7
5.0
5.5
V
BVDD
Buffer I/O supply voltage
BVDD to BGND
1.65
3.3
5.5
V
AVDD = 3V
6
7
AVDD = 5.5V
7
8
AVDD = 3V, NAP power-down
AIDD
Analog supply current
μA
AVDD = 5.5V, NAP power-down
AVDD = 3V, deep power-down
AVDD = 5.5V, deep power-down
BIDD
Buffer I/O supply current
μA
AVDD = 3V
18.9
PDISS
Power dissipation
μW
AVDD = 5.5V
40
5
Submit Documentation Feedback


Podobny numer części - ADS7863I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863I TI-ADS7863I Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQ TI-ADS7863IDBQ Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQ TI1-ADS7863IDBQ Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IDBQ TI1-ADS7863IDBQ Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQG4 TI-ADS7863IDBQG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7863I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com