Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7863IRGE Arkusz danych(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7863IRGE
Szczegółowy opis  Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7863IRGE Arkusz danych(HTML) 4 Page - Burr-Brown (TI)

  ADS7863IRGE Datasheet HTML 1Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 2Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 3Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 4Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 5Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 6Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 7Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 8Page - Burr-Brown (TI) ADS7863IRGE Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS7863
SBAS383 – JUNE 2007
At TA = –40°C to +125°C, and AVDD = 5V, BVDD = 3.3V, VREF = 2.5V (internal), fCLK = 24MHz, and fSAMPLE = 1.5MSPS, unless
otherwise noted.
ADS7863
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
12
Bits
ANALOG INPUT
FSR
Full-scale differential input range
(CHxx+) – (CHxx–)
–VREF
+VREF
V
VIN
Absolute input voltage
CHxx+ or CHxx+ to AGND
–0.1
AVDD + 0.1
V
CIN
Input capacitance
CHxx+ or CHxx– to AGND
2
pF
CID
Differential input capacitance
4
pF
IIL
Input leakage current
–1
+1
nA
CMRR
Common-mode rejection ratio
80
dB
DC ACCURACY
INL
Integral nonlinearity
–1
+1
LSB
INL match
LSB
DNL
Differential nonlinearity(2)
–1
+1
LSB
DNL match
LSB
VOS
Input offset error
–1
+1
LSB
VOS match
Asynchronous to Synchronous
LSB
dVOS/dT
Input offset thermal drift
μV/
°C
GERR
Gain error(2)
0.25
%
GERR match
%
GERR/dT
Gain error thermal drift
ppm/
°C
PSRR
Power-supply rejection ratio
2.7V < AVDD < 5.5V
70
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
VIN = 5VPP at 100kHz
70
dB
SNR
Signal-to-noise ratio
VIN = 5VPP at 100kHz
dB
THD
Total harmonic distortion
VIN = 5VPP at 100kHz
–75
dB
SFDR
Spurious-free dynamic range
VIN = 5VPP at 100kHz
75
dB
SAMPLING DYNAMICS
tCONV
Conversion time per ADC
1MHz < fCLK ≤ 24MHz
0.542
13
μs
tACQ
Acquisition time
125
ns
tDATA
Throughput rate
1MHz < fCLK ≤ 24MHz
62.5
1500
kSPS
tA
Aperture delay
6
ns
tA match
50
ps
tAJIT
Aperture jitter
50
ps
fCLK
Clock frequency on CLOCK
1
24
MHz
INTERNAL VOLTAGE REFERENCE
Resolution
Reference output DAC resolution
10
Bits
Over 20%...100% DAC range
0.496
2.520
V
DAC = 0x3FF,
VREFOUT
Reference output voltage
2.480
2.500
2.520
V
–40
°C < T
A < +125°C
DAC = 0x3FF at +25
°C
2.485
2.500
2.515
V
dVREFOUT/dT
Reference voltage drift
±10
ppm/
°C
–9.76
9.76
mV
DNLDAC
DAC differential nonlinearity
–4
4
LSB
–9.76
9.76
mV
INLDAC
DAC integral nonlinearity
–4
4
LSB
9.76
mV
VOSDAC
DAC offset error
VREFOUT = 0.5V
4
LSB
(1)
All typical values at TA = +25°C.
(2)
Ensured by design, not production tested.
4
Submit Documentation Feedback


Podobny numer części - ADS7863IRGE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863IRGER TI-ADS7863IRGER Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGER TI1-ADS7863IRGER Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IRGER TI1-ADS7863IRGER Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGERG4 TI-ADS7863IRGERG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGERG4 TI1-ADS7863IRGERG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
More results

Podobny opis - ADS7863IRGE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com