Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-SP150DNB Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MC-SP150DNB
Szczegółowy opis  Single Color Surface Mounted Chip LED Size :0805
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MC-SP150DNB Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MC-SP150DNB Datasheet HTML 1Page - List of Unclassifed Manufacturers MC-SP150DNB Datasheet HTML 2Page - List of Unclassifed Manufacturers MC-SP150DNB Datasheet HTML 3Page - List of Unclassifed Manufacturers MC-SP150DNB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC-SP150DNB
Single Color Surface
Mounted Chip LED
Size :0805
Features
Operating Temperature: -30
to +80
Storage Temperature: -40
to +85
84 mWatt DC Power Dissipation
Reverse Voltage:5.0V
Forward Current:30 mA
Peak Forward Current:100**mA(IF)
** Pulse test: Pulse width
0.1msec, Duty cycle
10%
L
I
Revision: 1
2005/10/21
0.047”
0.047”
0.035”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.021
0.029
0.525
0.725
B
0.045
0.053
1.15
1.35
C
0.075
0.083
1.9
2.1
D
0.045
0.053
1.15
1.35
E
0.051
0.059
1.3
1.5
F
0.008
0.016
0.2
0.4
G
0.016
0.024
0.4
0.6
H
0.039
0.047
1.0
1.2
J
0.012
0.020
0.3
0.5
K
0.043
0.051
1.1
1.3
Conventional type
MST
Figure
1
L
Luminous IIntensity VS .Forward Current
Forward Current IF (mA)
10
10
10
10
1
10
100
1000
Apply For LCD Display,Indicators,Illuminations, etc.
Compatible With Automatic Placement Equipment
Compatible With Reflow Solder Process
Maximum Ratings


Podobny numer części - MC-SP150DNB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC-SP150HY ETC2-MC-SP150HY Datasheet
615Kb / 4P
   Single Color Surface Mounted Chip LED Size :0805
More results

Podobny opis - MC-SP150DNB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC-SP150HY ETC2-MC-SP150HY Datasheet
615Kb / 4P
   Single Color Surface Mounted Chip LED Size :0805
MC-SP190SR ETC1-MC-SP190SR Datasheet
586Kb / 4P
   Single Color Surface Mounted Chip LED Size :0603
MC-SP110DBWE ETC1-MC-SP110DBWE Datasheet
605Kb / 4P
   Single Color Surface Mounted Chip LED
MC-SP192DNB ETC1-MC-SP192DNB Datasheet
608Kb / 4P
   Single Color Surface Mounted Chip LED
logo
Seoul Semiconductor
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com