Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1062M1 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TEA1062M1
Szczegółowy opis  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062M1 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TEA1062M1 Datasheet HTML 7Page - NXP Semiconductors TEA1062M1 Datasheet HTML 8Page - NXP Semiconductors TEA1062M1 Datasheet HTML 9Page - NXP Semiconductors TEA1062M1 Datasheet HTML 10Page - NXP Semiconductors TEA1062M1 Datasheet HTML 11Page - NXP Semiconductors TEA1062M1 Datasheet HTML 12Page - NXP Semiconductors TEA1062M1 Datasheet HTML 13Page - NXP Semiconductors TEA1062M1 Datasheet HTML 14Page - NXP Semiconductors TEA1062M1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1997 Sep 03
11
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
CHARACTERISTICS
Iline = 11 to 140 mA; VEE = 0 V; f = 800 Hz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies LN and VCC (pins 1 and 13)
VLN
voltage drop over circuit between LN
and VEE
MIC inputs open-circuit
Iline =1mA
1.6
V
Iline =4mA
1.9
V
Iline = 15 mA
3.55
4.0
4.25
V
Iline = 100 mA
4.9
5.7
6.5
V
Iline = 140 mA
−−
7.5
V
∆VLN/∆T
variation with temperature
Iline =15mA
−−0.3
mV/K
VLN
voltage drop over circuit between LN
and VEE with external resistor RVA
Iline =15mA
RVA (LN to REG) = 68 kΩ−
3.5
V
RVA (REG to SLPE) = 39 kΩ−
4.5
V
ICC
supply current
VCC = 2.8 V
0.9
1.35
mA
VCC
supply voltage available for peripheral
circuitry
Iline = 15 mA; MUTE = HIGH
TEA1062
Ip = 1.2 mA
2.2
2.7
V
Ip =0mA
3.4
V
VCC
supply voltage available for peripheral
circuitry
Iline = 15 mA; MUTE = LOW
TEA1062A
Ip = 1.2 mA
2.2
2.7
V
Ip =0mA
3.4
V
Microphone inputs MIC
− and MIC+ (pins 6 and 7)
Z
i
input impedance
differential
between MIC
− and MIC+
64
k
single-ended
MIC
− or MIC+ to V
EE
32
k
CMRR
common mode rejection ratio
82
dB
Gv
voltage gain MIC+ or MIC
− to LN
Iline = 15 mA; R7 = 68 kΩ
50.5
52.0
53.5
dB
∆G
vf
gain variation with frequency
referenced to 800 Hz
f = 300 and 3400 Hz
−±0.2
dB
∆GvT
gain variation with temperature
referenced to 25
°C
without R6; Iline = 50 mA;
Tamb = −25 and +75 °C
−±0.2
dB
DTMF input (pin 11)
|Z
i|
input impedance
20.7
k
Gv
voltage gain from DTMF to LN
Iline = 15 mA; R7 = 68 kΩ
24.0
25.5
27.0
dB
∆Gvf
gain variation with frequency
referenced to 800 Hz
f = 300 and 3400 Hz
−±0.2
dB
∆G
vT
gain variation with temperature
referenced to 25
°C
Iline = 50 mA;
Tamb = −25 and +75 °C
−±0.2
dB


Podobny numer części - TEA1062M1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Podobny opis - TEA1062M1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com