Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1064BT Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TEA1064BT
Szczegółowy opis  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064BT Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TEA1064BT Datasheet HTML 4Page - NXP Semiconductors TEA1064BT Datasheet HTML 5Page - NXP Semiconductors TEA1064BT Datasheet HTML 6Page - NXP Semiconductors TEA1064BT Datasheet HTML 7Page - NXP Semiconductors TEA1064BT Datasheet HTML 8Page - NXP Semiconductors TEA1064BT Datasheet HTML 9Page - NXP Semiconductors TEA1064BT Datasheet HTML 10Page - NXP Semiconductors TEA1064BT Datasheet HTML 11Page - NXP Semiconductors TEA1064BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
March 1994
8
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064B
The maximum AC output swing on the line at low currents
is influenced by R16 (limited by current) and the maximum
output swing on the line at high currents is influenced by
DC voltage VLN-SLPE (limited by voltage). In both these
situations, the internal dynamic limiter in the sending
channel prevents distortion when the microphone is
overdriven. The maximum AC output swing on LN is
shown in Fig.7; practical values for R16 are from 200
Ω to
600
Ω and this influences both maximum output swing at
low line currents and the supply capabilities.
When the SLPE pin is the reference for peripheral circuits,
inputs MUTE, PD and DTMF must be referenced to SLPE.
This is achieved by connecting pin VEE2 to pin SLPE; VEE2
being the reference of MUTE, PD and DTMF input stages.
Active microphones can be supplied between VCC and
VEE1 as shown in Fig.5. Low power circuits that provide
MUTE, PD and DTMF inputs to the TEA1064B can also be
powered from VCC (see Fig.6 for the supply capability of
Fig.6
Maximum current Ip with respect to Fig.5
available from Vcc for peripheral circuitry
with VCC > 2.2 V.
(a) Ip = 1.94 mA
(b) Ip = 1.54 mA
(a
′) Ip = 0.54 mA
(b
′)Ip = 0.16 mA
Iline =15mA
R1 = 620
Ω and R9 = 20 Ω
Curve (a) and (a
′) are valid when the receiving
amplifier is not driven or when MUTE = HIGH.
Curve (b) and (b
′) are valid when the receiving
amplifier is driven and when MUTE = LOW.
Vo(RMS) = 150 mV, RT = 150 Ω.
handbook, halfpage
012
4
2.4
0
0.8
1.6
MBA434
3
VCC (V)
Ip
(mA)
(a)
(b)
(a')
(b')
VCC). MUTE, PD and DTMF are then referenced to VEE1
and the pin VEE2 must therefore be connected to VEE1.
If the line current Iline exceeds ICC + 0.25 mA, the voltage
converter shunts the excess current to SLPE via LN;
where ICC ≈ 1.3 mA, the value required by the IC for
normal operation.
The DC line voltage on LN is:
• VLN = VLN-SLPE + (ISLPE x R9)
• VLN = Vref + ({Iline − ICC − 0.25 x 10−3 A} x R9)
in which:
• Vref = 3.23 V ± 0.25 V is the internal reference voltage
between LN and SLPE; its value can be adjusted by
external resistor RVA.
• R9 = external resistor between SLPE and VEE1 (20 Ω in
basic operation).
With R9 = 20
Ω, this results in:
• VLN = 3.3 ± 0.25 V at Iline = 15 mA
• VLN = 4.1 ± 0.3 V at Iline = 15 mA, RVA(REG-SLPE) = 33 kΩ
• VLN = 4.4 ± 0.35 V at Iline = 15mA,
RVA(REG- SLPE) = 20 kΩ
The preferred value for R9 is 20
Ω. Changing R9
influences microphone gain, DTMF gain, the gain control
characteristics, sidetone and the DC characteristics
(especially the low voltage characteristics).
In normal conditions, ISLPE >> (ICC + 0.25 mA) and the
static behaviour is equivalent to a voltage regulator diode
with an internal resistance of R9. In the audio frequency
range the dynamic impedance is determined mainly by R1.
The equivalent impedance of the circuit in audio frequency
range is shown in Fig.8.
The internal reference voltage VLN-SLPE can be increased
by external resistor RVA(REG-SLPE) connected between
REG and SLPE. The voltage VLN-SLPE is shown as a
function of RVA(REG-SLPE) in Fig.9. Changing the reference
voltage influences the output swing of both sending and
receiving amplifiers.
At line currents below 8 mA (typ.), the DC voltage dropped
across the circuit is adjusted to a lower level automatically
(approximately 1.8 V at 2 mA). This gives the possibility of
operating more telephone sets in parallel with DC line
voltages (excluding polarity guard) down to an absolute
minimum of 1.8 V. At line currents below 8 mA (typ.), the
circuit has limited sending and receiving levels.


Podobny numer części - TEA1064BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064AT PHILIPS-TEA1064AT Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

Podobny opis - TEA1064BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1064A PHILIPS-TEA1064A Datasheet
231Kb / 36P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com