Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1069A Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TEA1069A
Szczegółowy opis  Versatile speech/dialler/ringer with music-on-hold
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069A Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TEA1069A Datasheet HTML 6Page - NXP Semiconductors TEA1069A Datasheet HTML 7Page - NXP Semiconductors TEA1069A Datasheet HTML 8Page - NXP Semiconductors TEA1069A Datasheet HTML 9Page - NXP Semiconductors TEA1069A Datasheet HTML 10Page - NXP Semiconductors TEA1069A Datasheet HTML 11Page - NXP Semiconductors TEA1069A Datasheet HTML 12Page - NXP Semiconductors TEA1069A Datasheet HTML 13Page - NXP Semiconductors TEA1069A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
1998 Jan 08
10
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
MICROPHONE INPUTS MIC+ AND MIC
AND GAIN PINS GAS1 AND GAS2
The circuit has symmetrical microphone inputs. Its input impedance is 64 k
Ω (2 × 32 kΩ) and its voltage gain is typically
52 dB (when R7 = 68 k
Ω). Dynamic, magnetic, piezoelectric or electret (with built-in FET source followers) microphones
can be used. Microphone arrangements are illustrated in Fig.7.
Fig.7 Alternative microphone arrangements.
Pin numbers in parenthesis refer to the TEA1069H and TEA1069AH.
(1) Resistor may be connected to reduce the terminating impedance.
a. Magnetic or dynamic
microphone.
b. Electret microphone.
c. Piezoelectric microphone.
handbook, full pagewidth
MBH198
VEE
VCC
(1)
36 (32)
3 (41)
4 (42)
23 (18)
4 (42)
3 (41)
4 (42)
3 (41)
MIC
+
MIC
MIC
MIC
+
MIC
+
MIC
The gain of the microphone amplifier can be adjusted
between 44 dB and 52 dB to suit the sensitivity of the
transducer in use. The gain is proportional to the value of
R7 which is connected between GAS1 and GAS2. Stability
is ensured by two external capacitors, C6 connected
between GAS1 and SLPE and C17 connected between
GAS1 and VEE. The value of C6 is 100 pF but this may be
increased to obtain a first-order low-pass filter. The value
of C17 is 10 times the value of C6. The cut-off frequency
corresponds to the time constant R7
× C6.
RECEIVING AMPLIFIER IR, QR AND GAR
The receiving amplifier has one input (IR) and one output
(QR). Earpiece arrangements are illustrated in Fig.8.
The IR to QR gain is typically 31 dB (when R4 = 100 k
Ω).
It can be adjusted between 20 and 31 dB to match the
sensitivity of the transducer in use.
The gain is set with the value of R4 which is connected
between GAR and QR. The overall receive gain, between
LN and QR, is calculated by subtracting the anti-sidetone
network attenuation (32 dB) from the amplifier gain.
Two external capacitors, C4 and C7, ensure stability. C4 is
normally 100 pF and C7 is 10 times the value of C4.
The value of C4 may be increased to obtain a first-order
low-pass filter. The cut-off frequency will depend on the
time constant R4
× C4.
The output voltage of the receiving amplifier is specified for
continuous-wave drive. The maximum output voltage will
be higher under speech conditions where the peak to RMS
ratio is higher.


Podobny numer części - TEA1069A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Podobny opis - TEA1069A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
PCD3330-1 PHILIPS-PCD3330-1 Datasheet
152Kb / 32P
   Multistandard repertory dialler/ringer with EEPROM
1997 Jan 15
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
List of Unclassifed Man...
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com