Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1083AT Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TEA1083AT
Szczegółowy opis  Call progress monitor for line powered telephone sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1083AT Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TEA1083AT Datasheet HTML 4Page - NXP Semiconductors TEA1083AT Datasheet HTML 5Page - NXP Semiconductors TEA1083AT Datasheet HTML 6Page - NXP Semiconductors TEA1083AT Datasheet HTML 7Page - NXP Semiconductors TEA1083AT Datasheet HTML 8Page - NXP Semiconductors TEA1083AT Datasheet HTML 9Page - NXP Semiconductors TEA1083AT Datasheet HTML 10Page - NXP Semiconductors TEA1083AT Datasheet HTML 11Page - NXP Semiconductors TEA1083AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
March 1994
8
Philips Semiconductors
Product specification
Call progress monitor for line powered
telephone sets
TEA1083; TEA1083A
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC134)
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VSUP
Supply voltage
continuous
12
V
during switch-on or line interruption
13.2
V
VSUP
Repetitive supply voltage from 1 ms to
5 s with 12
Ω current limiting resistor
in series with supply
28
V
VSREF
Supply reference voltage
VSS − 0.5
VSUP + 0.5
V
V
Voltage on all other pins
VSS − 0.5
VBB + 0.5
V
ISUP
Supply current
see Fig.6
120
mA
Ptot
Total power dissipation
Tamb = 75 °C; Tj = 125 °C
TEA1083
500
mW
TEA1083A
769
mW
TEA1083AT
555
mW
Tstg
Storage temperature range
−40
+125
°C
Tamb
Operating ambient temperature range
−25
+75
°C
Tj
Junction temperature
−+125
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air (TEA1083)
100 K/W
from junction to ambient in free air (TEA1083A)
65 K/W
from junction to ambient in free air (TEA1083AT)
90 K/W


Podobny numer części - TEA1083AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1081T PHILIPS-TEA1081T Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085A PHILIPS-TEA1085A Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085AT PHILIPS-TEA1085AT Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
More results

Podobny opis - TEA1083AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
   Call Progress Decoder
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com