Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1093T Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części TEA1093T
Szczegółowy opis  Hands-free IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1093T Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button TEA1093T Datasheet HTML 7Page - NXP Semiconductors TEA1093T Datasheet HTML 8Page - NXP Semiconductors TEA1093T Datasheet HTML 9Page - NXP Semiconductors TEA1093T Datasheet HTML 10Page - NXP Semiconductors TEA1093T Datasheet HTML 11Page - NXP Semiconductors TEA1093T Datasheet HTML 12Page - NXP Semiconductors TEA1093T Datasheet HTML 13Page - NXP Semiconductors TEA1093T Datasheet HTML 14Page - NXP Semiconductors TEA1093T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Feb 09
11
Philips Semiconductors
Product specification
Hands-free IC
TEA1093
Fig.9 Signal and noise envelope waveforms.
handbook, full pagewidth
MBG354
INPUT SIGNAL
SIGNAL ENVELOPE
NOISE ENVELOPE
4 mV (RMS)
1 mV (RMS)
A
C
C
36 mV
36 mV
B
B
B
A
B
time
A: 85 dB/ms
B: 0.7 dB/ms
B: 0.7 dB/ms
C: 0.07 dB/ms
Fig.10 Decision logic.
(1) When MUTET = HIGH, +10
µA is forced.
When DLC/MUTER < 0.2 V,
−10 µA is forced.
g
MGD224
13 mV
13 mV
TENV
TNOI
RENV
MUTET
from dynamic
limiter
RNOI
Vdt
XX
1
1
− 10 µA
+ 10 µA
+ 10 µA
X1
0
X
1X
0
X
XX
1
0
0
00
0
X
0
Vref
RIDT
CSWT
SWT
16
(12)
14
(11)
27
(23)
26
(22)
24
(20)
23
(19)
19
(15)
IDT
DUPLEX CONTROLLER
LOGIC(1)
ATTENUATOR


Podobny numer części - TEA1093T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AT PHILIPS-TEA1094AT Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094T PHILIPS-TEA1094T Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Podobny opis - TEA1093T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
logo
Panasonic Semiconductor
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
   AEC for Analog Hands-Free Communication
logo
Panasonic Semiconductor
BF-AF10B-KA PANASONIC-BF-AF10B-KA Datasheet
0Kb / 2P
   A hands-free, weatherproof solution
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com