Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1110A Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TEA1110A
Szczegółowy opis  Low voltage versatile telephone transmission circuit with dialler interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1110A Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TEA1110A Datasheet HTML 1Page - NXP Semiconductors TEA1110A Datasheet HTML 2Page - NXP Semiconductors TEA1110A Datasheet HTML 3Page - NXP Semiconductors TEA1110A Datasheet HTML 4Page - NXP Semiconductors TEA1110A Datasheet HTML 5Page - NXP Semiconductors TEA1110A Datasheet HTML 6Page - NXP Semiconductors TEA1110A Datasheet HTML 7Page - NXP Semiconductors TEA1110A Datasheet HTML 8Page - NXP Semiconductors TEA1110A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Apr 22
4
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1110A
PINNING
SYMBOL
PIN
DESCRIPTION
LN
1
positive line terminal
SLPE
2
slope (DC resistance) adjustment
REG
3
line voltage regulator decoupling
n.c.
4
not connected
DTMF
5
dual-tone multi-frequency input
MUTE
6
mute input to select speech or
dialling mode (active LOW)
IR
7
receiving amplifier input
AGC
8
automatic gain control/
line loss compensation
MIC
9
inverting microphone amplifier input
MIC+
10
non-inverting microphone amplifier
input
VEE
11
negative line terminal
QR
12
receiving amplifier output
GAR
13
receive gain adjustment
VCC
14
supply voltage for speech circuit and
peripherals
Fig.2 Pin configuration.
handbook, halfpage
MGG735
TEA1110A(T)
1
2
3
4
5
6
7
8
14
13
12
11
10
9
LN
SLPE
REG
n.c.
DTMF
MUTE
IR
AGC
MIC
MIC
+
VEE
QR
GAR
VCC
FUNCTIONAL DESCRIPTION
All data given in this chapter are typical values, except
when otherwise specified.
Supply (pins LN, SLPE, VCC and REG)
The supply for the TEA1110A and its peripherals is
obtained from the telephone line. See Fig.3.
The IC generates a stabilized reference voltage (Vref)
between pins LN and SLPE. Vref is temperature
compensated and can be adjusted by means of an
external resistor (RVA). Vref equals 3.35 V and can be
increased by connecting RVA between pins REG
and SLPE (see Fig.4), or decreased by connecting RVA
between pins REG and LN. The voltage at pin REG is
used by the internal regulator to generate Vref and is
decoupled by CREG, which is connected to VEE. This
capacitor, converted into an equivalent inductance
(see Section “Set impedance”), realizes the set
impedance conversion from its DC value (RSLPE) to its AC
value (RCC in the audio-frequency range). The voltage at
pin SLPE is proportional to the line current.
The voltage at pin LN is:
Where:
Iline = line current
ICC = current consumption of the IC
IP = supply current for peripheral circuits
I* = current consumed between LN and VEE.
The preferred value for RSLPE is 20 Ω. Changing RSLPE will
affect more than the DC characteristics; it also influences
the microphone and DTMF gains, the gain control
characteristics, the sidetone level and the maximum
output swing on the line.
V
LN
V
ref
R
SLPE
I
SLPE
×
+
=
I
SLPE
I
line
I
CC
I
P
I∗
=


Podobny numer części - TEA1110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110AG-S14-R UTC-TEA1110AG-S14-R Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Podobny opis - TEA1110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com