Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1111AT Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TEA1111AT
Szczegółowy opis  Speech circuit with dialler interface, regulated supply and earpiece volume control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1111AT Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TEA1111AT Datasheet HTML 5Page - NXP Semiconductors TEA1111AT Datasheet HTML 6Page - NXP Semiconductors TEA1111AT Datasheet HTML 7Page - NXP Semiconductors TEA1111AT Datasheet HTML 8Page - NXP Semiconductors TEA1111AT Datasheet HTML 9Page - NXP Semiconductors TEA1111AT Datasheet HTML 10Page - NXP Semiconductors TEA1111AT Datasheet HTML 11Page - NXP Semiconductors TEA1111AT Datasheet HTML 12Page - NXP Semiconductors TEA1111AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1999 Nov 22
9
Philips Semiconductors
Product specification
Speech circuit with dialler interface, regulated
supply and earpiece volume control
TEA1111A
Transmit stage (pins MIC+, MIC
− and DTMF)
MICROPHONE AMPLIFIER (PINS MIC+ AND MIC
−)
The TEA1111A has symmetrical microphone inputs.
The input impedance between pins MIC+ and MIC
− is
68 k
Ω (2 × 34 kΩ). The voltage gain from pins MIC+/MIC−
to pin LN is set at 44.2 dB (typical) at 600
Ω line load.
Automatic gain control is provided on this amplifier for line
loss compensation.
DTMF AMPLIFIER (PIN DTMF)
When the DTMF amplifier is enabled, dialling tones may
be sent on line. These tones are also sent to the receive
output QR at a low level (confidence tone), the level is
controlled by pin VCI.
The TEA1111A has an asymmetrical DTMF input.
The input impedance between DTMF and VEE is 20 kΩ
and it is biased at VEE. The voltage gain from pin DTMF to
pin LN is set at 25.9 dB.
Automatic gain control has no effect on the DTMF
amplifier.
Receiving stage (pins IR, GAR, QR and VCI)
The receive part consists of an earpiece amplifier and a
volume control block.
EARPIECE AMPLIFIER
The earpiece amplifier has one input (IR) and one output
(QR). The input impedance between pin IR and pin VEE is
22 k
Ω. When pin VCI is tied to VEE, the voltage gain from
pin IR to pin QR is set at 27.4 dB (typical) which reduces
the attenuation of the receive signal by the anti-sidetone
network from 32 dB to 4.6 dB. The gain can be decreased
by connecting an external resistor RGARext between
pins GAR and QR; the adjustment range is 6 dB.
Two external capacitors CGAR (connected between
pins GAR and QR) and CGARS (connected between
pins GAR and VEE) ensure stability. Capacitor CGAR
provides a first-order low-pass filter. The cut-off frequency
corresponds to the time constant CGAR × RGARint. Where
RGARint is the internal resistor (123 kΩ typical) which sets
the gain. The relationship CGARS =10 × CGAR must be
complied with to ensure stability.
The output voltage of the earpiece amplifier is specified for
continuous wave drive. The maximum output swing
depends on the DC line voltage, the RCC resistor, the ICC
current consumption of the circuit, the IP current
consumption of the peripheral circuits and the load
impedance.
Automatic gain control is provided on this amplifier for line
loss compensation.
VOLUME CONTROL (PIN VCI)
A positive DC voltage applied to pin VCI allows the gain of
the earpiece amplifier to be increased in steps of 4.85 dB.
The volume control range is 27.4 to 41.9 dB (14.5 dB
typical). A proportional voltage decoder at pin VCI defines
a gain of 27.4 dB when VVCI equals VEE and a gain of
41.9 dB when VVCI equals VDD.
The intermediate steps correspond to:
and
.
Automatic gain control (pin AGC)
The TEA1111A performs automatic line loss
compensation. The automatic gain control varies the gain
of the microphone amplifier and the gain of the receive
amplifier in accordance with the DC line current.
The control range is 6.0 dB (which corresponds
approximately to a line length of 5 km for a 0.5 mm
diameter twisted-pair copper cable with a DC resistance of
176
Ω/km and an average attenuation of 1.2 dB/km).
The IC can be used with different configurations of feeding
bridge (supply voltage and bridge resistance) by
connecting an external resistor RAGC between
pins AGC and VEE. This resistor enables the Istart and Istop
line currents to be increased (the ratio between Istart and
Istop is not affected by the resistor). The AGC function is
disabled when pin AGC is left open circuit.
Mute function (pin MUTE)
The mute function performs the switching between the
speech mode and the dialling mode.
When MUTE is LOW, the DTMF input is enabled and the
microphone and receive amplifier inputs are disabled.
In this mode, the DTMF tones are sent to the receive
output at a low level (confidence tone).
When MUTE is HIGH, the microphone and receiving
amplifiers inputs are enabled while the DTMF input is
disabled. The MUTE input is provided with an internal
pull-up current source to VDD.
V
VCI
1
3
--- VDD
=
V
VCI
2
3
--- VDD
=


Podobny numer części - TEA1111AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Podobny opis - TEA1111AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com