Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5230-EVALZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADL5230-EVALZ
Szczegółowy opis  400 MHz to 2700 MHz Pre-driver RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5230-EVALZ Arkusz danych(HTML) 5 Page - Analog Devices

  ADL5230-EVALZ Datasheet HTML 1Page - Analog Devices ADL5230-EVALZ Datasheet HTML 2Page - Analog Devices ADL5230-EVALZ Datasheet HTML 3Page - Analog Devices ADL5230-EVALZ Datasheet HTML 4Page - Analog Devices ADL5230-EVALZ Datasheet HTML 5Page - Analog Devices ADL5230-EVALZ Datasheet HTML 6Page - Analog Devices ADL5230-EVALZ Datasheet HTML 7Page - Analog Devices ADL5230-EVALZ Datasheet HTML 8Page - Analog Devices ADL5230-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
ADL5320
Rev. PrB | Page 5 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
(2)
3
RFIN GND
GND
RFOUT
ADL5320
Figure 2.
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. Requires a dc blocking capacitor
2
GND
Ground: Connect to a low impedance ground plane
3
RFOUT
RF Output and Supply Voltage: DC bias is provided to this pin through an inductor that is tied to the external
power supply . RF path requires a DC blocking capacitor.
Exposed Paddle: Internally connected to GND. Solder to a low impedance ground plane.
Exposed
Paddle


Podobny numer części - ADL5230-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5231-EVALZ AD-ADL5231-EVALZ Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
More results

Podobny opis - ADL5230-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
   400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
   400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
   700 to 2700 MHz Broadband Linear Amplifier Driver
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
   400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
   800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com