Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7520NKBBCZ-80 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADV7520NKBBCZ-80
Szczegółowy opis  Low-Power HDMI/DVI Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7520NKBBCZ-80 Arkusz danych(HTML) 4 Page - Analog Devices

  ADV7520NKBBCZ-80 Datasheet HTML 1Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 2Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 3Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 4Page - Analog Devices ADV7520NKBBCZ-80 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ADV7520NK
Preliminary Technical Data
Rev. PrA | Page 4 of 5
OUTLINE DIMENSIONS
64 PIN LFCSP PACKAGE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD
EXCEPT FOR EXPOSED PAD DIMENSION
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.45
0.40
0.35
0.30
0.25
0.18
7.50
REF
0.60 MAX
0.60 MAX
4.85
4.70 SQ*
4.55
PIN 1
INDICATOR
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
EXPOSED PAD**
(BOTTO M VIEW)
+
DIMENSIONS in Millimeters
64 LFCSP (LEAD FRAME CHIP SCALE PACKAGE)
**Note: PAD is CONNECTED to GND
Figure 6. 64-pin LFCSP
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
9
5
4
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
BOTTOM VIEW
0.75
REF
6.10
6.00 SQ
5.90
SEATING
PLANE
DETAILA
BALL DIAMETER
0.15 MIN
0.35
0.30
0.25
COPLANARITY
0.08 MAX
0.65 MIN
0.50
BSC
4.50
BSC SQ
*1.40 MAX
Figure 7. 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
6 mm × 6 mm × 1.4 mm
(BC-76)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temp. Range
Package Description
Package Option
ADV7520NKBCPZ-801
−25°C to +85°C
64-pin Lead Formed Chip Scale Package
CP-64
ADV7520NKBBCZ-80
−25°C to +85°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
ADV7520NKBBCZRL-80
−25°C to +85°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
ADV7520NK/PCBZ
Evaluation Board
1 All packages are RoHS compliant


Podobny numer części - ADV7520NKBBCZ-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
More results

Podobny opis - ADV7520NKBBCZ-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com