Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA5712T Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TEA5712T
Szczegółowy opis  AM/FM stereo DTS radio circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5712T Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TEA5712T Datasheet HTML 1Page - NXP Semiconductors TEA5712T Datasheet HTML 2Page - NXP Semiconductors TEA5712T Datasheet HTML 3Page - NXP Semiconductors TEA5712T Datasheet HTML 4Page - NXP Semiconductors TEA5712T Datasheet HTML 5Page - NXP Semiconductors TEA5712T Datasheet HTML 6Page - NXP Semiconductors TEA5712T Datasheet HTML 7Page - NXP Semiconductors TEA5712T Datasheet HTML 8Page - NXP Semiconductors TEA5712T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
September 1994
2
Philips Semiconductors
Product specification
AM/FM stereo DTS radio circuit
TEA5712; TEA5712T
FEATURES
• Wide supply voltage range: 1.8 or 2.1 to 12 V
• Low current consumption: 16 mA at AM, 17 mA at FM
• High selectivity with distributed IF gain
• LED driver for stereo indication
• High input sensitivity: 1.6 mV/m (AM), 2.0 µV (FM) for
26 dB S/N
• Good strong signal behaviour: 10 V/m at AM,
500 mV at FM
• Low output distortion: 0.8% at AM, 0.3% at FM
• Signal level output
• Soft mute
• Signal dependent stereo
• IF output signals available for IF counting
• Designed for simple and reliable printed-circuit board
layout
• High impedance MOSFET input on AM.
APPLICATIONS
• Portable AM/FM stereo radio
• Mini/midi receiver sets
• Digitally tuned personal headphone radio.
DESCRIPTION
The TEA5712 is a high performance Bimos IC for use in
digitally tuned AM/FM stereo radios. All necessary
functions are integrated: from AM and FM front-end to AM
detector and FM stereo output stages.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
TYP.
VP
dynamic supply voltage
1.8
12
V
VP
static supply voltage
2.1
12
V
IP
supply current
AM mode
12.8
16.0
20.0
mA
FM mode
14.3
17.5
21.4
mA
Tamb
operating ambient temperature
−15
+60
°C
AM performance
Vin1
RF sensitivity
40
55
70
µV
V28
AF output voltage
36
45
70
mV
THD
total harmonic distortion
0.8
2.0
%
FM performance
Vin3
RF sensitivity
1.0
2.0
3.8
µV
V28
AF output voltage
50
61
72
mV
THD
total harmonic distortion
0.3
0.8
%
MPX performance
αcs
channel separation
26
30
dB
AMPX
MPX voltage gain
VAF-L/Vin9; S5 in position MONO −1.5
0
+1.0
dB
THD
total harmonic distortion
0.5
1.0
%
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA5712
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1
TEA5712T
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1


Podobny numer części - TEA5712T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5710T PHILIPS-TEA5710T Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5711T PHILIPS-TEA5711T Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
More results

Podobny opis - TEA5712T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com