Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA6323T Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TEA6323T
Szczegółowy opis  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6323T Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TEA6323T Datasheet HTML 4Page - NXP Semiconductors TEA6323T Datasheet HTML 5Page - NXP Semiconductors TEA6323T Datasheet HTML 6Page - NXP Semiconductors TEA6323T Datasheet HTML 7Page - NXP Semiconductors TEA6323T Datasheet HTML 8Page - NXP Semiconductors TEA6323T Datasheet HTML 9Page - NXP Semiconductors TEA6323T Datasheet HTML 10Page - NXP Semiconductors TEA6323T Datasheet HTML 11Page - NXP Semiconductors TEA6323T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1995 Dec 20
8
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6323T
(S+N)/N
signal-plus-noise to noise ratio
unweighted;
20 Hz to 20 kHz (RMS);
Vo = 2.0 V;
see Figs 6 and 7
105
dB
CCIR468-2 weighted;
quasi peak; Vo = 2.0 V
Gv =0dB
95
dB
Gv =12dB
88
dB
Gv =20dB
81
dB
differential input
Gv =0dB
90
dB
Gv =20dB
79
dB
CMRR
common mode rejection ratio
differential stereo input
43
53
dB
Pno(rms)
noise output power (RMS value)
only contribution of TEA6323T;
power amplifier for 6 W
mute position; note 1
−−
10
nW
α
ct
crosstalk
between bus
inputs and signal outputs
note 2
110
dB
Source selector
Zi
input impedance
25
35
45
k
αS
input isolation of one selected
source to any other input
f=1kHz
105
dB
f = 12.5 kHz
95
dB
Vi(rms)
maximum input voltage
(RMS value)
THD
< 0.5%; VCC = 8.5 V
2.15
V
THD
< 0.5%; V
CC = 7.5 V
1.8
V
Voffset
DC offset voltage at source selector
output
by selection of any stereo inputs
−−
10
mV
by selection of differential input or
mono input
−−
20
mV
Zo
output impedance
80
120
RL
output load resistance
10
−−
k
CL
output load capacity
0
2500
pF
Gv
voltage gain, source selector
0
dB
Control part (source selector disconnected; source resistance 600
Ω)
Zi
input impedance volume input
100
150
200
k
input impedance loudness input
25
33
40
k
Zo
output impedance
80
120
RL
output load resistance
2
−−
k
CL
output load capacity
0
10
nF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
20
V
bus p
p
()
V
o rms
()
---------------------------
log





Podobny numer części - TEA6323T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Podobny opis - TEA6323T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com