Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA6360T Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TEA6360T
Szczegółowy opis  5-band stereo equalizer circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6360T Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TEA6360T Datasheet HTML 1Page - NXP Semiconductors TEA6360T Datasheet HTML 2Page - NXP Semiconductors TEA6360T Datasheet HTML 3Page - NXP Semiconductors TEA6360T Datasheet HTML 4Page - NXP Semiconductors TEA6360T Datasheet HTML 5Page - NXP Semiconductors TEA6360T Datasheet HTML 6Page - NXP Semiconductors TEA6360T Datasheet HTML 7Page - NXP Semiconductors TEA6360T Datasheet HTML 8Page - NXP Semiconductors TEA6360T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
May 1991
4
Philips Semiconductors
Preliminary specification
5-band stereo equalizer circuit
TEA6360
PINNING
SYMBOL
PIN
DESCRIPTION
ViL
1
audio frequency input LEFT
F1LA
2
connection A for filter 1 LEFT (f = 2.95 kHz)
n.c.
3
not connected
F1LB
4
connection B for filter 1 LEFT (f = 2.95 kHz)
F2LA
5
connection A for filter 2 LEFT (f = 12 kHz)
F2LB
6
connection B for filter 2 LEFT (f = 12 kHz)
F3LA
7
connection A for filter 3 LEFT (f = 790 Hz)
F3LB
8
connection B for filter 3 LEFT (f = 790 Hz)
F4LA
9
connection A for filter 4 LEFT (f = 205 Hz)
F4LB
10
connection B for filter 4 LEFT (f = 205 Hz)
F5LA
11
connection A for filter 5 LEFT (f = 59 Hz)
F5LB
12
connection B for filter 5 LEFT (f = 59 Hz)
VoL
13
audio frequency output LEFT
VP
14
supply voltage (
+8.5 V)
SDA
15
I2C-bus data line
SCL
16
I2C-bus clock line
GND2
17
ground 2 (I2C-bus ground)
MAD
18
modul address
GND1
19
ground 1 (analog ground)
VoR
20
audio frequency output RIGHT
F5RB
21
connection B for filter 5 RIGHT (f = 59 Hz)
F5RA
22
connection A for filter 5 RIGHT (f = 59 Hz)
F4RB
23
connection B for filter 4 RIGHT (f = 205 Hz)
F4RA
24
connection A for filter 4 RIGHT (f = 205 Hz)
F3RB
25
connection B for filter 3 RIGHT (f = 790 Hz)
F3RA
26
connection A for filter 3 RIGHT (f = 790 Hz)
F2RB
27
connection B for filter 2 RIGHT (f = 12 kHz)
F2RA
28
connection A for filter 2 RIGHT (f = 12 kHz)
F1RB
29
connection B for filter 1 RIGHT (f = 2.95 kHz)
n.c.
30
not connected
F1RA
31
connection A for filter 1 RIGHT (f = 2.95 kHz)
ViR
32
audio frequency input RIGHT
Fig.2 Pin configuration


Podobny numer części - TEA6360T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6300T PHILIPS-TEA6300T Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Podobny opis - TEA6360T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
rfsolutions.ltd
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
   77 Band Graphic Equalizer (Stereo)
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
logo
NTE Electronics
NTE1215 NTE-NTE1215 Datasheet
79Kb / 2P
   Integrated Circuit Stereo Equalizer Amplifier
logo
Rohm
BA3822LS ROHM-BA3822LS Datasheet
96Kb / 5P
   5-channel stereo graphic equalizer
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
   77 Band Graphic Equalizer (Stereo)
SG5 RFSOLUTIONS-SG5 Datasheet
705Kb / 2P
   66 Band Graphic Equalizer (Stereo)
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
   5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
Freescale Semiconductor...
DSP56001 FREESCALE-DSP56001 Datasheet
1Mb / 36P
   DIGITAL STEREO 10-BAND GRAPHIC EQUALIZER USING THE DSP56001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com