Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA6845AH Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TEA6845AH
Szczegółowy opis  New In Car Entertainment NICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6845AH Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TEA6845AH Datasheet HTML 6Page - NXP Semiconductors TEA6845AH Datasheet HTML 7Page - NXP Semiconductors TEA6845AH Datasheet HTML 8Page - NXP Semiconductors TEA6845AH Datasheet HTML 9Page - NXP Semiconductors TEA6845AH Datasheet HTML 10Page - NXP Semiconductors TEA6845AH Datasheet HTML 11Page - NXP Semiconductors TEA6845AH Datasheet HTML 12Page - NXP Semiconductors TEA6845AH Datasheet HTML 13Page - NXP Semiconductors TEA6845AH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
2001 Apr 12
10
Philips Semiconductors
Product specification
New In Car Entertainment (NICE) car radio
TEA6845AH; TEA6845H
7.3.5
AM NOISE DETECTOR AND BLANKER
The detection point for the AM noise blanker is the output
stage of AM mixer 1, while blanking is realized at the
output of the mixer 2.
Trigger sensitivity can be modified by changing the resistor
value at pin AMNBHOLD.
7.3.6
FM AND AM LEVEL DETECTOR
FM and AM level detectors provide the temperature
compensated output voltage. The starting points and
slopes of the level detector outputs are programmable via
the I2C-bus.
7.4
Test mode
The test mode of the IC is activated by:
• Sending the test byte (byte 5) to the IC
• Connecting pin fref through a 100 kΩ resistor to VDDA1
• Applying 50 µA to pin fref.
If the test mode is enabled by pin fref:
• The settling time of the AM IF2 AGC is reduced to less
than 100 ms in the nominal application
• The digital-to-analog converters for the antenna DAA
and the level DAA can be clocked directly by the SCL
line of the I2C-bus
• The output at pin fref can be selected by the I2C-bus:
TEA6880H or TEF6890H reference frequency, PLL
reference frequency or PLL programmable divider
output frequency
• The RDS update control circuit can be clocked directly
via pin DAATD
• Pin T1AMAGC can be used to enable the load PLL
circuit of the RDS update control circuit
• Charge pumps can be set into 3-state mode.
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. To avoid damages and wrong operation it is necessary to keep all 8.5 V supply voltages at a higher level than any
5 V supply voltage. This is also necessary during power-on and power-down sequences. Precautions have to be
provided in such a way that interferences can not pull down the 8.5 V supply below the 5 V supply.
2. Machine model (R = 0
Ω, C = 200 pF).
3. Human body model (R = 1.5 k
Ω, C = 100 pF).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA1
analog supply voltage 1 for on-chip power supply
−0.3
+10
V
VDDA2
analog supply voltage 2 for on-chip power supply
−0.3
+6.5
V
VDDA3
analog supply voltage 3 for VCO
−0.3
+10
V
VDDA4
analog supply voltage 4 for tuning PLL
−0.3
+10
V
VDDA5
analog supply voltage 5 for FM and AM RF
−0.3
+10
V
VDDA6
analog supply voltage 6 for IF amplifier 1 and 2
−0.3
+10
V
VDDD
digital supply voltage
−0.3
+6.5
V
∆VDD8.5-DD5 difference between any 8.5 V supply voltage and any
5 V supply voltage
note 1
−0.3
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Ves
electrostatic handling voltage
note 2
−200
+200
V
note 3
−2000
+2000
V


Podobny numer części - TEA6845AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Podobny opis - TEA6845AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com