Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSA5511 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TSA5511
Szczegółowy opis  1.3 GHz Bidirectional I2C-bus controlled synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5511 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TSA5511 Datasheet HTML 6Page - NXP Semiconductors TSA5511 Datasheet HTML 7Page - NXP Semiconductors TSA5511 Datasheet HTML 8Page - NXP Semiconductors TSA5511 Datasheet HTML 9Page - NXP Semiconductors TSA5511 Datasheet HTML 10Page - NXP Semiconductors TSA5511 Datasheet HTML 11Page - NXP Semiconductors TSA5511 Datasheet HTML 12Page - NXP Semiconductors TSA5511 Datasheet HTML 13Page - NXP Semiconductors TSA5511 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
October 1992
10
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5511
CHARACTERISTICS
VCC = 5 V; Tamb = 25 °C, unless otherwise specified
All pin numbers refer to DIL18 version
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Functional range
VCC
supply voltage range
4.5
5.5
V
Tamb
operating ambient
temperature range
−10
+80
°C
f
input frequency
64
1300
MHz
N
divider
256
32767
ICC
supply current
25
35
50
mA
fXTAL
crystal oscillator frequency
range
crystal series resonance
resistance
≤ 150 Ω
3.2
4.0
4.48
MHz
ZI
input impedance (pin 2)
−480
−400
−320
input level
VCC = 4.5 V to 5.5 V;
Tamb = −10 to +80 °C;
see typical sensitivity
curve Fig.6
f = 80 to 150 MHz
12/
−25
300/2.6
mV/dBm
f = 150 to 1000 MHz
9/
−28
300/2.6
mV/dBm
f = 1000 to 1300 MHz
40/
−15
300/2.6
mV/dBm
RI
prescaler input resistance
(see Fig.7)
50
−Ω
CI
input capacitance
2
pF
Output ports (current-limited) P0 to P3
ILO
output leakage current
VO = 13.5 V
−−
10
µA
Isink
output sink current
VO = 12 V
0.7
1.0
1.5
mA
Output ports (open collector) P4 to P7 (see note 1)
ILO
output leakage current
VO = 13.5 V
−−
10
µA
VOL
LOW level output voltage
IOL = 10 mA; note 2
−−
0.7
V
Input port P3
IOH
HIGH level input current
VOH = 13.5 V
−−
10
µA
IOL
LOW level input current
VOL = 0 V
−10
−−µA
Input ports P4, P5 and P7
VIL
LOW level input voltage
−−
0.8
V
VIH
HIGH level input voltage
2.7
−−
V
IIH
HIGH level input current
VIH = 13.5 V
−−
10
µA
IIL
LOW level input current
VIL = 0 V
−10
−−µA
Input port P6
IIH
HIGH level input current
VIH = 13.5 V
−−
10
µA
IIL
LOW level input current
VIL = 0 V
−10
−−µA


Podobny numer części - TSA5511

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512M PHILIPS-TSA5512M Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512T PHILIPS-TSA5512T Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
More results

Podobny opis - TSA5511

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com