Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSA5523M Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TSA5523M
Szczegółowy opis  1.4 GHz I2C-bus controlled multimedia synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5523M Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TSA5523M Datasheet HTML 6Page - NXP Semiconductors TSA5523M Datasheet HTML 7Page - NXP Semiconductors TSA5523M Datasheet HTML 8Page - NXP Semiconductors TSA5523M Datasheet HTML 9Page - NXP Semiconductors TSA5523M Datasheet HTML 10Page - NXP Semiconductors TSA5523M Datasheet HTML 11Page - NXP Semiconductors TSA5523M Datasheet HTML 12Page - NXP Semiconductors TSA5523M Datasheet HTML 13Page - NXP Semiconductors TSA5523M Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1996 Dec 17
10
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia
synthesizer
TSA5523M
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling bipolar devices.
Every pin withstands the ESD test in accordance with
“MIL-STD-883C category B” (2000 V).
Every pin withstands the EDS test in accordance with Philips Semiconductors Machine Model 0
Ω, 200 pF (200 V).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VCC1 = 4.5 to 5.5 V; Tamb = −20 to +85 °C; see note 1; unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
120
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VCC1
supply voltage
4.5
5.5
V
ICC1
supply current
VCC1 =5V
22
30
mA
VPORth
power-on reset threshold
voltage
Tamb =25 °C
slope is
−6 mV/°C
1.5
2.0
V
Tamb
operating ambient
temperature
−20
+85
°C
fiRF
RF input frequency
64
1400
MHz
N
divider ratio
15-bit frequency word
256
32767
XTAL oscillator
fXTAL
frequency range
RXTAL =25to200 Ω
3.2
4.0
4.48
MHz
ZXTAL
input impedance
f = 4 MHz
600
1200
−Ω
DLXTAL(p-p)
drive level on pin XTAL
(peak-to-peak value)
series capacitor = 18 pF;
crystal Philips
4333 1430 4881
110
mV
Prescaler
VRFin
input level
VCC1 = 4.5 to 5.5 V;
Tamb = −20 to +85 °C;
see Fig.4
f = 80 to 150 MHz
−25
+3
dBm
f = 150 to 1000 MHz
−28
+3
dBm
f = 1000 to 1400 MHz
−26
+3
dBm
ZiRF
input impedance
see Fig.5
−−−


Podobny numer części - TSA5523M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520M PHILIPS-TSA5520M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520T PHILIPS-TSA5520T Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521 PHILIPS-TSA5521 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521M PHILIPS-TSA5521M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
More results

Podobny opis - TSA5523M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com