Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP130W Arkusz danych(PDF) 3 Page - OPTEK Technologies

Numer części OP130W
Szczegółowy opis  Hermetic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP130W Arkusz danych(HTML) 3 Page - OPTEK Technologies

  OP130W Datasheet HTML 1Page - OPTEK Technologies OP130W Datasheet HTML 2Page - OPTEK Technologies OP130W Datasheet HTML 3Page - OPTEK Technologies OP130W Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/06
Page 3 of 4
Hermetic Infrared Emitting Diode
OP130 Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Reverse Voltage
2.0 A
Continuous Forward Current
100 mA
Peak Forward Current
10.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)(2)
Power Dissipation
200 mW(3)
Operating Temperature Range
-65o C to +125o C
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2. Derate linearly 2.0 mW/° C above 25° C.
3. Measurement made with 100 µs pulse measured at the trailing edge of the pulse with a duty cycle of 0.1% and an IF = 100 mA.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
PO
Radiant Power Output
OP130, OP130W
OP131, OP131W
OP132, OP132W
OP133, OP133W
1.0
3.0
4.0
5.0
-
-
-
-
-
-
-
-
mW
IF = 100 mA
(3 )
VF
Forward Voltage
-
-
1.75
V
IF = 100 mA
(3)
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
β
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
Electrical Characteristics (TA = 25°C unless otherwise noted — for reference only)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
∆λP /∆T
Spectral Shift with Temperature
-
+0.30
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP130 series
OP130W series
-
-
18
50
-
-
Degree
I
F = 100 mA
tr
Output Rise Time
-
1000
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
500
-
ns


Podobny numer części - OP130W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP130W OPTEK-OP130W Datasheet
195Kb / 1P
   GaAs Hermetic Infrared Emitting Diodes
OP130W OPTEK-OP130W Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP130W TTELEC-OP130W Datasheet
900Kb / 4P
   Hermetic Infrared Diode
More results

Podobny opis - OP130W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com