Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3201S-15 Arkusz danych(PDF) 3 Page - KEC(Korea Electronics)

Numer części KIC3201S-15
Szczegółowy opis  CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-15 Arkusz danych(HTML) 3 Page - KEC(Korea Electronics)

  KIC3201S-15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-15 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-15 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-15 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3201S-15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2006. 12. 11
3/6
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 6
VOUT(V)
SOT-89
TSM
ITEM
Marking
ITEM
Marking
3.6
KIC3201S-36
C6
KIC3201T-36
D6C
3.7
KIC3201S-37
C7
KIC3201T-37
D7C
3.8
KIC3201S-38
C8
KIC3201T-38
D8C
3.9
KIC3201S-39
C9
KIC3201T-39
D9C
4.0
KIC3201S-40
D0
KIC3201T-40
E0C
4.1
KIC3201S-41
D1
KIC3201T-41
E1C
4.2
KIC3201S-42
D2
KIC3201T-42
E2C
4.3
KIC3201S-43
D3
KIC3201T-43
E3C
4.4
KIC3201S-44
D4
KIC3201T-44
E4C
4.5
KIC3201S-45
D5
KIC3201T-45
E5C
4.6
KIC3201S-46
D6
KIC3201T-46
E6C
4.7
KIC3201S-47
D7
KIC3201T-47
E7C
4.8
KIC3201S-48
D8
KIC3201T-48
E8C
4.9
KIC3201S-49
D9
KIC3201T-49
E9C
5.0
KIC3201S-50
E0
KIC3201T-50
F0C
5.1
KIC3201S-51
E1
KIC3201T-51
F1C
5.2
KIC3201S-52
E2
KIC3201T-52
F2C
5.3
KIC3201S-53
E3
KIC3201T-53
F3C
5.4
KIC3201S-54
E4
KIC3201T-54
F4C
5.5
KIC3201S-55
E5
KIC3201T-55
F5C
5.6
KIC3201S-56
E6
KIC3201T56
F6C
5.7
KIC3201S-57
E7
KIC3201T-57
F7C
5.8
KIC3201S-58
E8
KIC3201T-58
F8C
5.9
KIC3201S-59
E9
KIC3201T-59
F9C
6.0
KIC3201S-60
F0
KIC3201T-60
G0C
Line up
* Other Voltages available, Selectable in 0.05V steps Contact KEC for details


Podobny numer części - KIC3201S-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3201S-15 KEC-KIC3201S-15 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-15 KEC-KIC3201S-15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-15 KEC-KIC3201S-15 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIC3201S-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com